Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7871IDB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7871IDB
Description  PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7871IDB Datasheet(HTML) 3 Page - Texas Instruments

  ADS7871IDB Datasheet HTML 1Page - Texas Instruments ADS7871IDB Datasheet HTML 2Page - Texas Instruments ADS7871IDB Datasheet HTML 3Page - Texas Instruments ADS7871IDB Datasheet HTML 4Page - Texas Instruments ADS7871IDB Datasheet HTML 5Page - Texas Instruments ADS7871IDB Datasheet HTML 6Page - Texas Instruments ADS7871IDB Datasheet HTML 7Page - Texas Instruments ADS7871IDB Datasheet HTML 8Page - Texas Instruments ADS7871IDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
ADS7871
SLAS370C − APRIL 2002 − REVISED OCTOBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
For the Total System (1), −40
°C ≤ TA ≤ 85°C, VDD = 5 V, BUFIN = 2.5 V (using external reference), 2.5-MHz CCLK and 2.5-MHz SCLK (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
Input voltage (LNx inputs)
Linear operation
−0.2
VDD + 0.2
V
Input capacitance (2)
4
9.7
pF
Input impedance (2)
Common mode
6
M
Input impedance (2)
Differential
7
M
Channel-to-channel crosstalk
VI = 2 VPP, 60 Hz (3)
100
dB
Maximum leakage current
100
pA
Static Accuracy
Resolution
14
Bits
No missing codes
G = 1 to 20 V/V
13
Bits
Integral linearity
G = 1 to 20 V/V
−4
±2
4
LSB
Differential linearity
G = 1 to 20 V/V
−2
±0.5
4
LSB
Offset error
G = 1 to 20 V/V
−24
±1
24
LSB
Ratiometric configuration or
(4)
G = 1 to 10 V/V
−0.2
0.2
%FSR
Full-scale gain error
Ratiometric configuration or
external reference (4)
G = 16 and 20 V/V
−0.25
0.25
%FSR
Full-scale gain error
Internal reference
G = 1 to 10 V/V
−0.35
0.35
%FSR
Internal reference
G = 16 and 20 V/V
−0.4
0.4
%FSR
DC common-mode rejection ratio, RTI
VI = −0.2 V to 5.2 V, G = 20 V/V
80
dB
Power supply rejection ratio, RTI
VDD = 5 V ±10%, G = 20 V/V
88
dB
Dynamic Characteristics
Throughput rate
Continuous mode
One channel
48
ksample/s
Throughput rate
Address mode
Different channels
48
ksample/s
External clock, CCLK (5)
0.1
20
MHz
Internal oscillator frequency
2.5
MHz
Serial interface clock, SCLK
20
MHz
Data setup time
10
ns
Data hold time
10
ns
Digital Inputs
Low-level input voltage, VIL
0.8
V
High-level input voltage, VIH
VDD ≤ 3.6 V
2
V
Logic levels
High-level input voltage, VIH
VDD > 3.6 V
3
V
Logic levels
Low-level input current, IIL
1
A
High-level input current, IIH
1
µA
(1) The specifications for the total system are overall analog input to digital output specifications. The specifications for internal functions indicate
the performance of the individual functions in the ADS7871.
(2) The ADS7871 uses switched capacitor techniques for the programmable gain amplifier and A/D converter. A characteristic of such circuits is that
the input capacitance at any selected LNx pin changes during the conversion cycle.
(3) One channel on with its inputs grounded. All other channels off with sinewave voltage applied to their inputs.
(4) Ratiometric configuration exists when the input source is configured such that changes in the reference cause corresponding changes in the input
voltage. The same accuracy applies when a perfect external reference is used.
(5) The CCLK is divided by the DF value specified by the contents of register 3, A/D Control register, bits D0 and D1 to produce DCLK. The maximum
value of DCLK is 2.5 MHz.


Similar Part No. - ADS7871IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7871IDB TI-ADS7871IDB Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDB TI1-ADS7871IDB Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBG4 TI1-ADS7871IDBG4 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBR TI-ADS7871IDBR Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBR TI1-ADS7871IDBR Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results

Similar Description - ADS7871IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
logo
Analog Devices
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
logo
List of Unclassifed Man...
88981133 ETC2-88981133 Datasheet
1Mb / 5P
   16 digital inputs (including 4 High Speed, 8 analog 0-10 V / potentiometers and 4 analog 0-10 V / 4-20 mA)
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
logo
STMicroelectronics
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com