Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12132 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC12132
Description  ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12132 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12132 Datasheet HTML 2Page - Texas Instruments ADC12132 Datasheet HTML 3Page - Texas Instruments ADC12132 Datasheet HTML 4Page - Texas Instruments ADC12132 Datasheet HTML 5Page - Texas Instruments ADC12132 Datasheet HTML 6Page - Texas Instruments ADC12132 Datasheet HTML 7Page - Texas Instruments ADC12132 Datasheet HTML 8Page - Texas Instruments ADC12132 Datasheet HTML 9Page - Texas Instruments ADC12132 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ADC12130, ADC12132, ADC12138
SNAS098G – MARCH 2000 – REVISED MARCH 2013
www.ti.com
Package Thermal Resistance
Part Number
Thermal Resistance (
θJA)
ADC12130CIN
53°C/W
ADC12130CIWM
70°C/W
ADC12132CIMSA
134°C/W
ADC12132CIWM
64°C/W
ADC121038CIN
40°C/W
ADC121038CIMSA
97°C/W
ADC12138CIWM
50°C/W
Some of these product/package combinations are obsolete and are shown here for reference only. Check the TI
web site for availability.
Converter Electrical Characteristics
The following specifications apply for (V
+ = V
A+ = VD+ = +5V, VREF+ = +4.096V, and fully differential input with fixed 2.048V
common-mode voltage) or (V
+ = V
A+ = VD+ = 3.3V, VREF+ = 2.5V and fully-differential input with fixed 1.250V common-mode
voltage), VREF− = 0V, 12-bit + sign conversion mode
(1), source impedance for analog inputs, V
REF
and V
REF
+ ≤ 25Ω, f
CK = fSK
= 5 MHz, and 10 (tCK) acquisition time unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other
limits TA = TJ = 25°C.
(2) (3) (4)
Units
Parameter
Test Conditions
Typical (5)
Limits (6)
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12 + sign
Bits (min)
ILE
Integral Linearity Error
After Auto Cal (7) (8)
±1/2
±2
LSB (max)
DNL
Differential Non-Linearity
After Auto Cal
±1.5
LSB (max)
Positive Full-Scale Error
After Auto Cal (7) (8)
±1/2
±3.0
LSB (max)
Negative Full-Scale Error
After Auto Cal (7)(8)
±1/2
±3.0
LSB (max)
After Auto Cal (9)(8)
Offset Error
±1/2
±2
LSB (max)
VIN(+) = VIN(−) = 2.048V
(1)
The “12-Bit Conversion of Offset” and “12-Bit Conversion of Full-Scale” modes are intended to test the functionality of the device.
Therefore, the output data from these modes are not an indication of the accuracy of a conversion result.
(2)
Two on-chip diodes are tied to each analog input through a series resistor as shown below. Input voltage magnitude up to 5V above VA+
or 5V below GND will not damage this device. However, errors in conversion can occur (if these diodes are forward biased by more than
50 mV) if the input voltage magnitude of selected or unselected analog input go above VA+ or below GND by more than 50 mV. As an
example, if VA+ is 4.5 VDC, full-scale input voltage must be ≤4.55 VDC to ensure accurate conversions.
(3)
To ensure accuracy, it is required that the VA+ and VD+ be connected together to the same power supply with separate bypass
capacitors at each V+ pin.
(4)
With the test condition for VREF (VREF+ − VREF−) given as +4.096V, the 12-bit LSB is 1.0 mV. For VREF = 2.5V, the 12-bit LSB is 610 μV.
(5)
Typical figures are at TJ = TA = 25°C and represent most likely parametric norm.
(6)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
(7)
Positive integral linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes
through positive full-scale and zero. For negative integral linearity error, the straight line passes through negative full-scale and zero
(see Figure 5 and Figure 6).
(8)
The ADC12130 family's self-calibration technique ensures linearity and offset errors as specified, but noise inherent in the self-
calibration process will result in a maximum repeatability uncertainty of 0.2 LSB.
(9)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC12130 ADC12132 ADC12138


Similar Part No. - ADC12132

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12132 NSC-ADC12132 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12132 TI1-ADC12132 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12132CIMSA NSC-ADC12132CIMSA Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12132CIMSA NSC-ADC12132CIMSA Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12132CIMSAX NSC-ADC12132CIMSAX Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - ADC12132

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com