Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS6226A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS6226A
Description  THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6226A Datasheet(HTML) 2 Page - Texas Instruments

  THS6226A Datasheet HTML 1Page - Texas Instruments THS6226A Datasheet HTML 2Page - Texas Instruments THS6226A Datasheet HTML 3Page - Texas Instruments THS6226A Datasheet HTML 4Page - Texas Instruments THS6226A Datasheet HTML 5Page - Texas Instruments THS6226A Datasheet HTML 6Page - Texas Instruments THS6226A Datasheet HTML 7Page - Texas Instruments THS6226A Datasheet HTML 8Page - Texas Instruments THS6226A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
THS6226A
SBOS643A – APRIL 2014 – REVISED MAY 2014
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 15
1
Features .................................................................. 1
7.5
Programming........................................................... 16
2
Applications ........................................................... 1
8
Applications and Implementation ...................... 19
3
Description ............................................................. 1
8.1
Application Information............................................ 19
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 19
5
Pin Configuration and Functions ......................... 3
8.3
Initialization Set Up ................................................ 21
6
Specifications......................................................... 5
9
Power Supply Recommendations ...................... 21
6.1
Absolute Maximum Ratings ..................................... 5
10
Layout................................................................... 22
6.2
Handling Ratings....................................................... 5
10.1
Layout Guidelines ................................................. 22
6.3
Recommended Operating Conditions ....................... 6
10.2
Layout Example .................................................... 23
6.4
Thermal Information .................................................. 6
11
Device and Documentation Support ................. 24
6.5
Electrical Characteristics: VS = +12 V....................... 6
11.1
Documentation Support ........................................ 24
6.6
Timing Characteristics............................................... 8
11.2
Trademarks ........................................................... 24
6.7
Typical Characteristics .............................................. 9
11.3
Electrostatic Discharge Caution ............................ 24
7
Detailed Description ............................................ 14
11.4
Glossary ................................................................ 24
7.1
Overview ................................................................. 14
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 14
Information ........................................................... 24
7.3
Feature Description................................................. 15
4 Revision History
Changes from Original (April 2014) to Revision A
Page
Changed HBM parameter in Handling Ratings table ............................................................................................................. 5
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: THS6226A


Similar Part No. - THS6226A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6226AIRHBR TI1-THS6226AIRHBR Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226AIRHBT TI1-THS6226AIRHBT Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
More results

Similar Description - THS6226A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com