Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6683 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6683
Description  Single Supply, Dual and Triple Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6683 Datasheet(HTML) 3 Page - Texas Instruments

  LMH6683 Datasheet HTML 1Page - Texas Instruments LMH6683 Datasheet HTML 2Page - Texas Instruments LMH6683 Datasheet HTML 3Page - Texas Instruments LMH6683 Datasheet HTML 4Page - Texas Instruments LMH6683 Datasheet HTML 5Page - Texas Instruments LMH6683 Datasheet HTML 6Page - Texas Instruments LMH6683 Datasheet HTML 7Page - Texas Instruments LMH6683 Datasheet HTML 8Page - Texas Instruments LMH6683 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LMH6682, LMH6683
www.ti.com
SNOSA43A – MAY 2004 – REVISED APRIL 2013
5V Electrical Characteristics
Unless otherwise specified, all limits ensured for at TJ = 25°C, V
+ = 5V, V= 0V, V
O = VCM = V
+/2, and R
L = 100Ω to V
+/2, R
F
= 510
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
SSBW
−3dB BW
A = +2, VOUT = 200mVPP
140
180
MHz
A =
−1, VOUT = 200mVPP
180
GFP
Gain Flatness Peaking
A = +2, VOUT = 200mVPP
2.1
dB
DC to 100MHz
GFR
Gain Flatness Rolloff
A = +2, VOUT = 200mVPP
0.1
dB
DC to 100MHz
LPD 1°
1° Linear Phase Deviation
A = +2, VOUT = 200mVPP, ±1°
40
MHz
GF 0.1dB
0.1dB Gain Flatness
A = +2, ±0.1dB, VOUT = 200mVPP
25
MHz
FPBW
Full Power
−1dB Bandwidth
A = +2, VOUT = 2VPP
110
MHz
DG
Differential Gain
A = +2, RL = 150Ω to V
+/2
0.03
%
NTSC 3.58MHz
Pos video only VCM = 2V
DP
Differential Phase
A = +2, RL = 150Ω to V
+/2
0.05
deg
NTSC 3.58MHz
Pos video only VCM = 2V
Time Domain Response
Tr/Tf
Rise and Fall Time
20-80%, VO = 1VPP, AV = +2
2.1
ns
20-80%, VO = 1VPP, AV = −1
2
OS
Overshoot
A = +2, VO = 100mVPP
22
%
Ts
Settling Time
VO = 2VPP, ±0.1%, AV = +2
49
ns
SR
Slew Rate(3)
A = +2, VOUT = 3VPP
520
V/
μs
A =
−1, VOUT = 3VPP
500
Distortion and Noise Response
HD2
2nd Harmonic Distortion
f = 5MHz, VO = 2VPP, A = +2, RL = 2kΩ
−60
dBc
f = 5MHz, VO = 2VPP, A = +2, RL =
−61
100
HD3
3rd Harmonic Distortion
f = 5MHz, VO = 2VPP, A = +2, RL = 2kΩ
−77
dBc
f = 5MHz, VO = 2VPP, A = +2, RL =
−54
100
THD
Total Harmonic Distortion
f = 5MHz, VO = 2VPP, A = +2, RL = 2kΩ
−60
dBc
f = 5MHz, VO = 2VPP, A = +2, RL =
−53
100
en
Input Referred Voltage Noise
f = 1kHz
17
nV/
√Hz
f = 100kHz
12
in
Input Referred Current Noise
f = 1kHz
8
pA/
√Hz
f = 100kHz
3
CT
Cross-Talk Rejection (Amplifier)
f = 5MHz, A = +2, SND: RL = 100Ω
−77
dB
RCV: RF = RG = 510Ω
Static, DC Performance
AVOL
Large Signal Voltage Gain
VO = 1.25V to 3.75V,
85
95
RL = 2kΩ to V
+/2
VO = 1.5V to 3.5V,
75
85
dB
RL = 150Ω to V
+/2
VO = 2V to 3V,
70
80
RL = 50Ω to V
+/2
CMVR
Input Common-Mode Voltage
CMRR
≥ 50dB
−0.2
−0.5
Range
−0.1
V
3.0
3.3
2.8
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6682 LMH6683


Similar Part No. - LMH6683

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6683 NSC-LMH6683 Datasheet
842Kb / 20P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6683 TI1-LMH6683 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
National Semiconductor ...
LMH6683MA NSC-LMH6683MA Datasheet
842Kb / 20P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6683MA/NOPB TI1-LMH6683MA/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
More results

Similar Description - LMH6683

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6682 NSC-LMH6682 Datasheet
842Kb / 20P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6704 TI1-LMH6704 Datasheet
944Kb / 20P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
National Semiconductor ...
LMH6682 NSC-LMH6682_14 Datasheet
1Mb / 30P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6682 TI1-LMH6682_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com