Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8509IBDW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8509IBDW
Description  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8509IBDW Datasheet(HTML) 4 Page - Texas Instruments

  ADS8509IBDW Datasheet HTML 1Page - Texas Instruments ADS8509IBDW Datasheet HTML 2Page - Texas Instruments ADS8509IBDW Datasheet HTML 3Page - Texas Instruments ADS8509IBDW Datasheet HTML 4Page - Texas Instruments ADS8509IBDW Datasheet HTML 5Page - Texas Instruments ADS8509IBDW Datasheet HTML 6Page - Texas Instruments ADS8509IBDW Datasheet HTML 7Page - Texas Instruments ADS8509IBDW Datasheet HTML 8Page - Texas Instruments ADS8509IBDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADS8509
SLAS324C – OCTOBER 2004 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference and 0.1%, 0.25-W fixed resistors (see
Figure 29 and Figure 30) (unless otherwise specified)
ADS8509I
ADS8509IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
REFERENCE
Internal reference voltage
No load
2.48
2.5
2.52
2.48
2.5
2.52
V
Internal reference source current
1
1
mA
(must use external buffer)
Internal reference drift
8
8
ppm/°C
External reference voltage range
2.3
2.5
2.7
2.3
2.5
2.7
V
for specified linearity
External reference current drain
Ext. 2.5-V ref.
100
100
mA
DIGITAL INPUTS
Logic levels
VIL
Low-level input voltage
–0.3
0.8
–0.3
0.8
V
VIH
High-level input voltage
2.0
VDIG +0.3 V
2.0
VDIG +0.3 V
V
IIL
Low-level input current
VIL = 0 V
±10
±10
mA
IIH
High-level input current
VIH = 5 V
±10
±10
mA
DIGITAL OUTPUTS
Data format (serial 16-bits)
Data coding (binary 2's
complement or straight binary)
Pipeline delay (conversion results
only available after completed
conversion)
Data clock (selectable for internal
or external data clock)
Internal clock (output only when
EXT/INT Low
9
9
MHz
transmitting data)
External clock (can run
EXT/INT High
0.1
26
0.1
26
continually but not recommended
MHz
for optimum performance)
VOL
Low-level output voltage
ISINK = 1.6 mA
0.4
0.4
V
VOH
High-level output voltage
ISOURCE = 500 mA
4
4
V
Hi-Z State,
±5
±5
mA
Leakage current
VOUT = 0 V to VDIG
Output capacitance
Hi-Z State
15
15
pF
POWER SUPPLIES
VDIG
Digital input voltage
4.75
5
5.25
4.75
5
5.25
V
VANA
Analog input voltage
4.75
5
5.25
4.75
5
5.25
V
Must be
≤ VANA
IDIG
Digital input current
4
4
mA
IANA
Analog input current
10
10
mA
POWER DISSIPATION
PWRD Low
fS = 250 kHz
70
100
70
100
mW
PWRD High
50
50
mW
TEMPERATURE RANGE
Specified performance
–40
85
–40
85
°C
Derated performance(9)
–55
125
–55
125
°C
Storage
–65
150
–65
150
°C
THERMAL RESISTANCE (qJA)
SSOP
62
62
°C/W
SO
46
46
°C/W
(9)
The internal reference may not be started correctly beyond the industrial temperature range (–40°C to 85°C), therefore use of an
external reference is recommended.
4
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8509


Similar Part No. - ADS8509IBDW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8509IBDW BURR-BROWN-ADS8509IBDW Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509IBDWR BURR-BROWN-ADS8509IBDWR Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509IBDWRG4 BURR-BROWN-ADS8509IBDWRG4 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8509IBDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com