Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM306DG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM306DG4
Description  Fast Response Times Improved Gain and Accuracy
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM306DG4 Datasheet(HTML) 5 Page - Texas Instruments

  LM306DG4 Datasheet HTML 1Page - Texas Instruments LM306DG4 Datasheet HTML 2Page - Texas Instruments LM306DG4 Datasheet HTML 3Page - Texas Instruments LM306DG4 Datasheet HTML 4Page - Texas Instruments LM306DG4 Datasheet HTML 5Page - Texas Instruments LM306DG4 Datasheet HTML 6Page - Texas Instruments LM306DG4 Datasheet HTML 7Page - Texas Instruments LM306DG4 Datasheet HTML 8Page - Texas Instruments LM306DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM306
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS008A − OCTOBER 1979 − REVISED OCTOBER 1991
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IIB
Input bias current
vs Free-air temperature
1
IIO
Input offset current
vs Free-air temperature
2
VOH
High-level output voltage
vs Free-air temperature
3
VOL
Low-level output voltage
vs Free-air temperature
4
VO
Output voltage
vs Differential input voltage
5
IO
Output current
vs Differential input voltage
6
AVD
Large-signal differential voltage amplification
vs Free-air temperature
7
IOS
Short-circuit output current
vs Free-air temperature
8
Output response
vs Time
9, 10
ICC+
Positive supply current
vs Positive supply voltage
11
ICC−
Negative supply current
vs Negative supply voltage
12
PD
Total power dissipation
vs Free-air temperature
13
Figure 1
1.5
1
0.5
0
010
20
30
40
50
2
2.5
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
3
60
70
VCC+ = 12 V
VCC − = − 6 V
VO = 0.5 V to 5 V
TA − Free Air Temperature − °C
Figure 2
10
8
2
0
0
102030
40
5060
14
18
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
20
70
6
16
12
4
VCC+ = 12 V
VCC − = − 6 V
VO = 0.5 V to 5 V
TA − Free-Air Temperature − °C


Similar Part No. - LM306DG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM306 NSC-LM306 Datasheet
97Kb / 6P
   Voltage Comparator
More results

Similar Description - LM306DG4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPDLP04SCAA2 EVERLIGHT-EAPDLP04SCAA2 Datasheet
317Kb / 6P
   Fast response times
logo
MKS Instruments.
AA02A MKS-AA02A Datasheet
270Kb / 4P
   All-digital architecture and improved thermal management provides better long-term stability, improved accuracy and increased reliability
logo
Texas Instruments
TMS320F28069 TI1-TMS320F28069_16 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
[Old version datasheet]   3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com