Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR358-2-682 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR358-2-682
Description  SHIELDED SMD INDUCTOR DR358-2 SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR358-2-682 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR358-2-682 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
February 26, 2014
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
µH) ± 30%
DCR
(
Ω) Max.
I rated
(A) Max.
DR358-2-122
1.2
0.023
2.56
DR358-2-182
1.8
0.027
2.20
DR358-2-222
2.2
0.031
2.04
DR358-2-272
2.7
0.043
1.60
DR358-2-332
3.3
0.049
1.57
DR358-2-392
3.9
0.064
1.44
DR358-2-472
4.7
0.072
1.32
DR358-2-562
5.6
0.100
1.17
DR358-2-682
6.8
0.108
1.12
DR358-2-822
8.2
0.117
1.04
DR358-2-103
10.0
0.128
1.00
DR358-2-123
12.0
0.131
0.84
DR358-2-153
15.0
0.149
0.76
DR358-2-183
18.0
0.166
0.72
DR358-2-223
22.0
0.235
0.70
DR358-2-273
27.0
0.261
0.58
DR358-2-333
33.0
0.378
0.56
DR358-2-393
39.0
0.383
0.50
DR358-2-473
47.0
0.587
0.48
DR358-2-563
56.0
0.624
0.41
DR358-2-683
68.0
0.699
0.35
DR358-2-823
82.0
0.914
0.32
DR358-2-104
100.0
1.020
0.29
DR358-2-124
120.0
1.270
0.27
DR358-2-154
150.0
1.350
0.24
DR358-2-184
180.0
1.540
0.22
DR358-2-224
220.0
1.650
0.18
MECHANICAL OUTLINES
SHIELDED SMD INDUCTOR DR358-2 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 1.2µH to 220.0µH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 7)
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
±0.2mm, unless other
specified
3.
Inductance Test: 100kHz, 0.1Vrms
4.
Irated for an approximate 40°C temperature rise
5.
Irated for an approximate 35% drop maximum of
the initial value
6.
Tape and reel quantity, 2000 pcs/reel
7.
For non-RoHS parts replace DR prefix with 42-
(e.g. DR358-2 becomes 42-358-2)
8.
Terminal finish is compliant to RoHS
requirements. Solder in accordance with
J-STD-020D


Similar Part No. - DR358-2-682

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR358-2-682 DATATRONICS-DR358-2-682 Datasheet
109Kb / 1P
   SHIELDED SMD INDUCTOR
More results

Similar Description - DR358-2-682

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR358-4 DATATRONICS-DR358-4_14 Datasheet
99Kb / 1P
   SHIELDED SMD INDUCTOR DR358-4 SERIES
DR358-5 DATATRONICS-DR358-5_14 Datasheet
97Kb / 1P
   SMD SHIELDED INDUCTOR DR358-5 SERIES
DR358-1 DATATRONICS-DR358-1_14 Datasheet
104Kb / 1P
   SHIELDED SMD INDUCTOR DR358-1 SERIES
DR358-3 DATATRONICS-DR358-3_14 Datasheet
99Kb / 1P
   SHIELDED SMD INDUCTOR DR358-3 SERIES
DR358-6 DATATRONICS-DR358-6_14 Datasheet
97Kb / 1P
   SHIELDED SMD INDUCTOR DR358-6 SERIES
DR357-2 DATATRONICS-DR357-2_14 Datasheet
105Kb / 1P
   SHIELDED SMD INDUCTOR DR357-2 SERIES
DR350-2 DATATRONICS-DR350-2_14 Datasheet
95Kb / 1P
   SHIELDED SMD INDUCTOR DR350-2 SERIES
DR347-2 DATATRONICS-DR347-2_14 Datasheet
80Kb / 1P
   SHIELDED SELF-LEADED SMD INDUCTOR DR347-2 SERIES
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com