Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4594DCKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MAX4594DCKR
Description  Low ON-State Resistance ON-State Resistance Flatness
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX4594DCKR Datasheet(HTML) 2 Page - Texas Instruments

  MAX4594DCKR Datasheet HTML 1Page - Texas Instruments MAX4594DCKR Datasheet HTML 2Page - Texas Instruments MAX4594DCKR Datasheet HTML 3Page - Texas Instruments MAX4594DCKR Datasheet HTML 4Page - Texas Instruments MAX4594DCKR Datasheet HTML 5Page - Texas Instruments MAX4594DCKR Datasheet HTML 6Page - Texas Instruments MAX4594DCKR Datasheet HTML 7Page - Texas Instruments MAX4594DCKR Datasheet HTML 8Page - Texas Instruments MAX4594DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MAX4594
SINGLECHANNEL 10 W SPST ANALOG SWITCH
SLLS639 − JANUARY 2005
www.ti.com
2
Pin Configurations
1
2
3
4
5
COM
NC
GND
IN
V+
1
2
3
4
5
COM
NO
GND
IN
V+
1
2
3
5
4
IN
COM
GND
NO
V+
1
2
3
5
4
IN
COM
GND
NC
V+
MAX4594
MAX4595
MAX4596
MAX4597
Available in Other Pin Configurations
Absolute Minimum and Maximum Ratings(1)(2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
−0.3
6
V
VNO
VCOM
Analog voltage range(3)(4)
−0.3
V+ + 0.3
V
IK
Analog port diode current
VNO, VCOM < 0
−50
mA
INO
ICOM
On-state switch current
VNO, VCOM = 0 to V+
−20
20
mA
INO
ICOM
On-state switch current
(pulsed at 1 ms, 10% duty cycle)
VNO, VCOM = 0 to V+
−40
40
mA
VI
Digital input voltage range(3)(4)
−0.3
6
V
IIK
Digital input clamp current
VI < 0
−50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
−100
mA
θJA
Package thermal impedance(5)
DBV package
206
°C/W
θJA
Package thermal impedance(5)
DCK package
252
°C/W
Tstg
Storage temperature range
−65
150
°C
(1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified
is not implied.
(2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3) All voltages are with respect to ground, unless otherwise specified.
(4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5) The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - MAX4594DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4594DCKR TI-MAX4594DCKR Datasheet
196Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 10-?쪺PST ANALOG SWITCH
MAX4594DCKR TI1-MAX4594DCKR Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
MAX4594DCKRE4 TI1-MAX4594DCKRE4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
More results

Similar Description - MAX4594DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4597 TI1-MAX4597_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
logo
Sanken electric
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
   Very low on-state resistance
Rev. 01-30 May 2002
logo
Renesas Technology Corp
UPA2690T1R RENESAS-UPA2690T1R Datasheet
326Kb / 11P
   COMPLEMENTARY MOSFET Low on-state resistance
N0604N-S19-AY RENESAS-N0604N-S19-AY Datasheet
148Kb / 8P
   N-channel MOSFET Low on-state resistance
logo
Texas Instruments
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com