Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4594DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MAX4594DBVR
Description  Low ON-State Resistance ON-State Resistance Flatness
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX4594DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button MAX4594DBVR Datasheet HTML 6Page - Texas Instruments MAX4594DBVR Datasheet HTML 7Page - Texas Instruments MAX4594DBVR Datasheet HTML 8Page - Texas Instruments MAX4594DBVR Datasheet HTML 9Page - Texas Instruments MAX4594DBVR Datasheet HTML 10Page - Texas Instruments MAX4594DBVR Datasheet HTML 11Page - Texas Instruments MAX4594DBVR Datasheet HTML 12Page - Texas Instruments MAX4594DBVR Datasheet HTML 13Page - Texas Instruments MAX4594DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MAX4594
SINGLECHANNEL 10 W SPST ANALOG SWITCH
SLLS639 − JANUARY 2005
www.ti.com
10
V+
GND
IN
VBIAS
VI
VI = VIH or VIL
VBIAS = 0 V
Capacitance is measured at NO,
COM, and IN inputs during ON
and OFF conditions.
Capacitance
Meter
VCOM
VNO
COM
NO
Figure 16. Capacitance (CI, CCOM(OFF), CCOM(ON), CNO(OFF), CNO(ON))
CL(2)
RL
VCOM(3)
V+
GND
NO
IN
VNO
VI
COM
Logic
Input(1)
300
RL
CL
35 pF
tON
TEST
300
35 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VI)
V+
Switch
Output
(VCOM)
0
(1) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
(3) See Electrical Characteristics for VCOM.
Figure 17. Turn-On (tON) and Turn-Off Time (tOFF)
V+
GND
NO
IN
VI
COM
50
W
50
W
VNO
VCOM
Channel ON: NO to COM
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-
W load)
DC Bias = 350 mV
Network Analyzer
Source
Signal
+
VI = V+ or GND
Figure 18. Bandwidth (BW)


Similar Part No. - MAX4594DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4594DBVR TI-MAX4594DBVR Datasheet
196Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 10-?쪺PST ANALOG SWITCH
MAX4594DBVR TI1-MAX4594DBVR Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
MAX4594DBVRE4 TI1-MAX4594DBVRE4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
MAX4594DBVRG4 TI1-MAX4594DBVRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
More results

Similar Description - MAX4594DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4597 TI1-MAX4597_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
logo
Sanken electric
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
   Very low on-state resistance
Rev. 01-30 May 2002
logo
Renesas Technology Corp
UPA2690T1R RENESAS-UPA2690T1R Datasheet
326Kb / 11P
   COMPLEMENTARY MOSFET Low on-state resistance
N0604N-S19-AY RENESAS-N0604N-S19-AY Datasheet
148Kb / 8P
   N-channel MOSFET Low on-state resistance
logo
Texas Instruments
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com