Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6619 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6619
Description  130 MHz, 1.25 mA RRIO Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6619 Datasheet(HTML) 2 Page - Texas Instruments

  LMH6619 Datasheet HTML 1Page - Texas Instruments LMH6619 Datasheet HTML 2Page - Texas Instruments LMH6619 Datasheet HTML 3Page - Texas Instruments LMH6619 Datasheet HTML 4Page - Texas Instruments LMH6619 Datasheet HTML 5Page - Texas Instruments LMH6619 Datasheet HTML 6Page - Texas Instruments LMH6619 Datasheet HTML 7Page - Texas Instruments LMH6619 Datasheet HTML 8Page - Texas Instruments LMH6619 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LMH6618
ADC121S101
0.1 PF
C6
10 PF
C5
0.1 PF
C13
10 PF
C11
0.1 PF
V
+
0.01 PF
14.3 k:
0.1 PF
1 PF
GND
5V
1.24 k:
1 nF
150 pF
549:
V
+
-
+
22:
390 pF
549:
IN
1 PF
V
+
14.3 k:
5.6 PF
LMH6618, LMH6619
SNOSAV7E – AUGUST 2007 – REVISED OCTOBER 2012
www.ti.com
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
ESD Tolerance (2)
Human Body Model
For input pins only
2000V
For all other pins
2000V
Machine Model
200V
Supply Voltage (VS = V
+ – V)
12V
Junction Temperature (3)
150°C max
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(3)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
OPERATING RATINGS
(1)
Supply Voltage (VS = V
+ – V)
2.7V to 11V
Ambient Temperature Range (2)
−40°C to +125°C
Package Thermal Resistance (
θJA)
6-Pin SOT (DDC0006A)
231°C/W
8-Pin SOIC (D0008A)
160°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
2
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: LMH6618 LMH6619


Similar Part No. - LMH6619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6619-Q1 TI1-LMH6619-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifier
logo
National Semiconductor ...
LMH6619MA NSC-LMH6619MA Datasheet
1Mb / 28P
   PowerWise짰 130 MHz, 1.25 mA RRIO Operational Amplifiers
LMH6619MAE NSC-LMH6619MAE Datasheet
1Mb / 28P
   PowerWise짰 130 MHz, 1.25 mA RRIO Operational Amplifiers
LMH6619MAENOPB NSC-LMH6619MAENOPB Datasheet
2Mb / 38P
   LMH6618 Single/LMH6619 Dual 130 MHz, 1.25 mA RRIO Operational Amplifiers
LMH6619MANOPB NSC-LMH6619MANOPB Datasheet
2Mb / 38P
   LMH6618 Single/LMH6619 Dual 130 MHz, 1.25 mA RRIO Operational Amplifiers
More results

Similar Description - LMH6619

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6618_0711 NSC-LMH6618_0711 Datasheet
1Mb / 28P
   PowerWise짰 130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Texas Instruments
LMH6619Q TI1-LMH6619Q Datasheet
1Mb / 30P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifier
logo
National Semiconductor ...
LMH6618 NSC-LMH6618_14 Datasheet
2Mb / 38P
   LMH6618 Single/LMH6619 Dual 130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Texas Instruments
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com