Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49990 Datasheet(PDF) 5 Page - Texas Instruments

Part # LME49990
Description  Ultra-low Distortion, Ultra-low Noise Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49990 Datasheet(HTML) 5 Page - Texas Instruments

  LME49990 Datasheet HTML 1Page - Texas Instruments LME49990 Datasheet HTML 2Page - Texas Instruments LME49990 Datasheet HTML 3Page - Texas Instruments LME49990 Datasheet HTML 4Page - Texas Instruments LME49990 Datasheet HTML 5Page - Texas Instruments LME49990 Datasheet HTML 6Page - Texas Instruments LME49990 Datasheet HTML 7Page - Texas Instruments LME49990 Datasheet HTML 8Page - Texas Instruments LME49990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LME49990
www.ti.com
SNOSB16C – DECEMBER 2009 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(1) (continued)
The following specifications apply for VS = ±15V, RL = 2kΩ, fIN = 1kHz, and TA = 25°C, unless otherwise specified.
LME49990
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limits)
(2)
(3)
INPUT CHARACTERISTICS
VCC = ±18V, VCM = 0v, VO = 0V
130
1000
μV (max)
VOS
Offset Voltage
VCC = ±18V, TMIN − TMAX
300
2000
μV (max)
Input Offset Voltage Drift vs
VOS Drift
VCC = ±18V, TMIN − TMAX
2
μV/°C
Temperature (
ΔVOS/ΔTemp)
VCC = ±18V, VCM = 0v, VO = 0V
30
500
nA (max)
IBIAS
Input Bias Current
VCC = ±18V, TMIN − T MAX
150
1000
nA (max)
VCC = ±18V, VCM = 0v, VO = 0V
35
400
nA (max)
IOS
Input Offset Current
VCC = ±18V, TMIN − TMAX
95
1000
nA (max)
VIN-CM
Common-Mode Input Voltage Range
12
11
V (min)
–10V<VCM<10V
137
118
dB (min)
CMRR
Common-Mode Rejection
TMIN − TMAX
132
110
dB (min)
OUTPUT CHARACTERISTICS
VCC = ±15V, RL = 2kΩ
±13
12.5
V (min)
VOUT
Output Voltage Swing
VCC = ±15V, RL = 600Ω
±13
12
V (min)
VCC = ±18V, RL = 600Ω
±16
14.0
V (min)
ISHIRT
Output Short-Circuit Current
VCC = ±18V
+75/-70
+55/-50
mA (min)
IOUT
Output Current
VCC = ±18V, RL = 600Ω
26
24
mA (min)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LME49990


Similar Part No. - LME49990

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49990 NSC-LME49990 Datasheet
448Kb / 16P
   Ultra-low Distortion, Ultra-low Noise Operational Amplifier
logo
Texas Instruments
LME49990 TI1-LME49990 Datasheet
1Mb / 19P
[Old version datasheet]   Ultra-low Distortion, Ultra-low Noise Operational Amplifier
logo
National Semiconductor ...
LME49990MA NSC-LME49990MA Datasheet
448Kb / 16P
   Ultra-low Distortion, Ultra-low Noise Operational Amplifier
logo
Texas Instruments
LME49990MA/NOPB TI1-LME49990MA/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Ultra-low Distortion, Ultra-low Noise Operational Amplifier
logo
National Semiconductor ...
LME49990MAX NSC-LME49990MAX Datasheet
448Kb / 16P
   Ultra-low Distortion, Ultra-low Noise Operational Amplifier
More results

Similar Description - LME49990

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49990 NSC-LME49990 Datasheet
448Kb / 16P
   Ultra-low Distortion, Ultra-low Noise Operational Amplifier
logo
Texas Instruments
LME49990 TI1-LME49990_15 Datasheet
1Mb / 19P
[Old version datasheet]   Ultra-low Distortion, Ultra-low Noise Operational Amplifier
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
Intersil Corporation
HA-5127883 INTERSIL-HA-5127883 Datasheet
124Kb / 5P
   Ultra Low Noise, Precision Operational Amplifier
HA-5127883 INTERSIL-HA-5127883_06 Datasheet
193Kb / 6P
   Ultra Low Noise, Precision Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com