Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


J-J7N-300L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. J-J7N-300L
Description  RELAY - NONLATCH 2 PDT, 12 AMPS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 6 page
background image
ENGINEERING DATA SHEET
SO-1049-8309/8987
RELAY SOCKET
12 AMP
BASIC SOCKET SERIES DESIGNATION FOR:
Series J
MEETS THE REQUIREMENTS OF:
MIL-DTL-12883
GENERAL CHARACTERISTICS
1. Supplied with mounting hardware and No. 16 contacts, No. 16 crimp (see socket drawing illustration SO-1049-8309); No. 16
contacts, No. 20 crimp for SO-1049-8987 (not illustrated)
2. Standard tolerances
.xx ±.01; xxx ±.005
3. Weight
.073 lb. max
4. Temperature range
-70° C to +125° C
Featuring LEACH© power and control solutions
www.esterline.com
AMERICAS
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622
.
.
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
EUROPE
2 Rue Goethe
57430 Sarralbe
France
.
.
Tel: (33) 3 87 97 31 01
Fax: (33) 3 87 97 96 86
ASIA
Units 602-603 6/F Lakeside 1
No.8 Science Park West Avenue
Phase Two, Hong Kong Science Park
Pak Shek Kok, Tai Po, N.T.
Hong Kong
Tel: (852) 2 191 3830
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Esterline Power Systems prior to choosing a component.
Date of issue: 8/09
- 11 -
Page 1 of 1




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl