Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX1N6624 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTX1N6624
Description  VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N6624 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTX1N6624 Datasheet HTML 1Page - Microsemi Corporation JANTX1N6624 Datasheet HTML 2Page - Microsemi Corporation JANTX1N6624 Datasheet HTML 3Page - Microsemi Corporation JANTX1N6624 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VOIDLESS-HERMETICALLY SEALED
ULTRA FAST RECOVERY GLASS
RECTIFIERS
S C O T TS DALE DIVISION
1N6620 thru 1N6625
DESCRIPTION
APPEARANCE
This “Ultrafast Recovery” rectifier diode series is military qualified to MIL-PRF-
19500/585 and is ideal for high-reliability applications where a failure cannot be
tolerated.
These industry-recognized 1.5 to 2.0 Amp rated rectifiers for working
peak reverse voltages from 200 to 1000 volts are hermetically sealed with voidless-
glass construction using an internal “Category I” metallurgical bond. These devices
are also available in surface mount MELF package configurations by adding a “US”
suffix (see separate data sheet for 1N6620US thru 1N6625US). Microsemi also
offers numerous other rectifier products to meet higher and lower current ratings
with various recovery time speed requirements including standard, fast and ultrafast
device types in both through-hole and surface mount packages.
Package “A”
Axial
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Microsemi
Scottsdale Division
Page 1
FEATURES
APPLICATIONS / BENEFITS
Popular JEDEC registered 1N6620 to 1N6625 series
Voidless hermetically sealed glass package
Extremely robust construction
Triple-layer passivation
Internal “Category I” Metallurgical bonds
JAN, JANTX, and JANTXV available per MIL-PRF-
19500/585
Further options for screening in accordance with
MIL-PRF-19500 for JANS by using a “SP” prefix, e.g.
SP6620, SP6624, etc.
Surface mount equivalents also available in a square
end-cap MELF configuration with “US” suffix (see
separate data sheet for 1N6620US thru 1N6625US)
Ultrafast recovery rectifier series 200 to 1000 V
Military and other high-reliability applications
Switching power supplies or other applications
requiring extremely fast switching & low forward
loss
High forward surge current capability
Low thermal resistance
Controlled avalanche with peak reverse power
capability
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Junction Temperature: -65
oC to +150oC
Storage Temperature: -65
oC to +175oC
Peak Forward Surge Current @ 25
oC: 20 Amps
(except 1N6625 which is 15 Amps)
Note: Test pulse = 8.3 ms, half-sine wave.
Average Rectified Forward Current (IO) at TL= +55
oC
(L=.375 inch from body):
1N6620 thru 1N6622: 2.0 Amps
1N6623 thru 1N6625: 1.5 Amps
(Derate linearly at 0.833%/
oC for T
L> +55
oC)
Average Rectified Forward Current (IO) at TA=25
oC:
1N6620 thru 1N6622: 1.2 Amps
1N6623 thru 1N6625: 1.0 Amp
(Derate linearly at 0.67%/
oC for T
A>+25
oC. This I
O
rating is typical for PC boards where thermal
resistance from mounting point to ambient is
sufficiently controlled where TJ(max) is not exceeded.)
Thermal Resistance L= 0.375 inch (RθJL): 38
oC/W
Capacitance at VR= 10 V: 10 pF
Solder temperature: 260
oC for 10 s (maximum)
CASE: Hermetically sealed voidless hard glass
with Tungsten slugs
TERMINATIONS: Axial-leads are Copper with
Tin/Lead (Sn/Pb) finish
MARKING: Body painted and part number, etc.
POLARITY: Cathode indicated by band
Tape & Reel option: Standard per EIA-296
Weight: 340 mg
See package dimensions on last page
Copyright
© 2009
10-06-2009 REV C; SA7-55.pdf
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - JANTX1N6624

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N6626 MICROSEMI-JANTX1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANTX1N6626US MICROSEMI-JANTX1N6626US Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANTX1N6627 MICROSEMI-JANTX1N6627 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANTX1N6627US MICROSEMI-JANTX1N6627US Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANTX1N6628 MICROSEMI-JANTX1N6628 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - JANTX1N6624

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTXV1N6623 MICROSEMI-JANTXV1N6623 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_04 Datasheet
335Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_09 Datasheet
257Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6620 MICROSEMI-1N6620_04 Datasheet
325Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
JANTX1N6075 MICROSEMI-JANTX1N6075 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6073 MICROSEMI-1N6073_07 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com