Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-68515LNL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-68515LNL
Description  10/100 base -t single port TRANSFORMER MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68515LNL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-68515LNL Datasheet HTML 1Page - Pulse A Technitrol Company PE-68515LNL Datasheet HTML 2Page - Pulse A Technitrol Company PE-68515LNL Datasheet HTML 3Page - Pulse A Technitrol Company PE-68515LNL Datasheet HTML 4Page - Pulse A Technitrol Company PE-68515LNL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RoHS6
RoHS5
Insertion
Return Loss
Differential to Common
Crosstalk
Compliant
Compliant
Loss
(dB MIN @ 100 W)
Mode Rejection
(dB TYP)
Hipot
Part
Part
(dB MAX)
(dB MIN)
(Vrms MIN)
Number
Number
0.1-100 MHz 1-30 MHz 40 MHz
50 MHz 60-80 MHz 30 MHz
60 MHz 100 MHz 30 MHz 60 MHz 100 MHz
H1012NL4d
H1012
-1.0
-20
-20
-18
-14
-42
-36
-33
-50
-40
-40
1500
H1019NL4c
H1019
-1.0
-20
-18
-18
-14
-45
-40
-35
-45
-40
-35
1500
H1042NL4c
-1.0
-16
-13.5
-11.5
-10
-45
-40
-35
-40
-38
-35
1500
H1086NL4c
H1086 1
-1.0
-22
-20
-18
-12
-45
-40
-35
-50
-40
-40
1500
H1089NL4c
H1089
-1.0
-22
-20
-18
-12
-42
-38
-32
-50
-40
-40
1500
H1117NL4d
H1117
-1.0
-22
-20
-18
-12
-45
-40
-35
-50
-40
-40
1500
H1138NL4a
H1138
-0.8
-18
-16
-14
-12
42
-37
-33
-50
-40
-40
1500
HX1148NL2, 4d
HX1148 2
-1.5
-18
-13.5
-11.5
-10
-42
-37
-33
-50
-40
-40
1500
HX1178NL2, 4d
HX1178 2
-1.5
-18
-13.5
-11.5
-10
-42
-37
-33
-50
-40
-40
1500
PE-68515LNL4d PE-68515L
-1.0
-18
-18
-16
-12
-50
-45
-40
-55
-50
-50
1500
PE-68517LNL4d PE-68517L
-1.0
-18
-16
-15
-12
-45
-40
-35
-50
-40
-40
1500
H1338NL4a
H1338
-1.1
-18
-16
-14
-12
-42
-37
-35
-40
-40
-35
1800
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
1. Rise time optimized for National’s DP83843.
2. Operating temperature: -40°+ 85°C.
3. When ordering Tape & Reel packaging, add a “T” suffix to the end of the part
number, e.g. H1012T
4. MSL = Moisture Sensitivity Level: a = 1, b = 2, c = 3, d = 4.
5. RoHS-5: Product does not contain 5 out of the 6 banned substances specified
in the RoHS directive (product contains lead in applications considered solder).
6. RoHS-6: Product does not contain 5 out of the 6 banned substances specified
in the RoHS directive. Some internal connections may contain lead in high-
temperature solder (solder alloys containing more than 85% lead).
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
www.pulseeng.com
1
RoHS-5 peak reflow temperature rating: 235°C
RoHS-6 peak reflow temperature rating: 245°C
Compatible with Broadcom, Intel, Micrel, National
Semiconductor, ICS, and TDK Transceivers
Meets IEEE 802.3 specification
10/100 baSE-T SinglE pOrT
TranSFOrMEr MODUlES
With 1:1 Transmit Turns Ratios
�����
�����
�����
�����
�����
�����
�������������������
��������������������������������������������
����
�����
����
�����
����
����
����
����
����
����
����
����
����
����
���������
�����
�����
�����������
�������
���
�����
����
������
���
�����
���
���
Weight ....... 3.5 grams
Tube ............ 20/tube
Tape & Reel ..... 160/reel
NOTE: The PE-68515L pins 4 and 13 are removed.
The PE-68517L pins 5 and 12 are removed.
Dimensions:
Inches
Unless otherwise specified, all tolerances are ±
.010
mm
0,25
PE-68515L, PE-68517L, H1042NL
Mechanicals


Similar Part No. - PE-68515LNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68515LNL PULSE-PE-68515LNL Datasheet
125Kb / 1P
   UNLESS OTHERWISE SPECIFIED
PE-68515LNL PULSE-PE-68515LNL Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
PE-68515LNL4 PULSE-PE-68515LNL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
PE-68515LNL4 PULSE-PE-68515LNL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
PE-68515LNLT PULSE-PE-68515LNLT Datasheet
115Kb / 1P
   UNLESS OTHERWISE SPECIFIED
More results

Similar Description - PE-68515LNL

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST1086-LF BOTHHAND-16ST1086-LF Datasheet
70Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1086 BOTHHAND-16ST1086 Datasheet
186Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522 BOTHHAND-16ST8522 Datasheet
151Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
HX1148NL PULSE-HX1148NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NLT PULSE-HX1148NLT Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H303 PULSE-H303_15 Datasheet
419Kb / 3P
   10/100 Base-T Single Port Transformer Modules
logo
Bothhand USA, LP.
12ST1112LF BOTHHAND-12ST1112LF Datasheet
159Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1012NLT PULSE-H1012NLT Datasheet
418Kb / 4P
   10/100 Base-T Single Port Transformer Modules
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Bothhand USA, LP.
16ST8516 BOTHHAND-16ST8516 Datasheet
185Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522C BOTHHAND-16ST8522C Datasheet
157Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com