Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT-159RUR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HT-159RUR
Description  Reverse Mountable 1206 (3216) with Dome Lens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-159RUR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HT-159RUR Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 11Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 12Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 13Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 14Page - List of Unclassifed Manufacturers HT-159RUR Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Reverse Mountable 1206 (3216) with Dome Lens
HT-159R Series
Official Product
Product: HT-159R Series
Data Sheet No.
Tentative Product
****************
HT-159R Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Nov. 14, 2007
Version of 1.2
Page
11/26
Wavelength Range (nm)
True Green
(NG)
Blue
(NB)
Bin
Min
Max
Min
Max
-
A
515.0 520.0 460.0 464.0
B
520.0 525.0 464.0 468.0
C
525.0 530.0 468.0 472.0
D
530.0 535.0 472.0 476.0
E
535.0 540.0 476.0 480.0
F
480.0 485.0
H
J
@20mA / Ta=25
O C, Tolerance: + 0.5nm
Forward Voltage (VF) Bin:
@20mA / Ta=25℃, Tolerance: + 0.05 V
Color
Bin Code
Spec. Range
G8
2.7-2.9 V
H7
2.9-3.1 V
H8
3.1-3.3 V
J7
3.3-3.5 V
J8
3.5-3.7 V
Blue (NB)
Green (NG)
K7
3.7-3.9 V
Ultra Bright
(UYG, UY, UD, USD, and
URO)
-
2.4 V max
Standard Bright
(YG, Y, D, SD)
-
2.6 V max
Bright Red (UR)
-
2.2 V max


Similar Part No. - HT-159RUR

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
HT-150 ELITE-HT-150 Datasheet
306Kb / 2P
   Visible LED
HT-150CB ELITE-HT-150CB Datasheet
306Kb / 2P
   Visible LED
HT-150CBS ELITE-HT-150CBS Datasheet
306Kb / 2P
   Visible LED
HT-150CG ELITE-HT-150CG Datasheet
306Kb / 2P
   Visible LED
HT-150CW ELITE-HT-150CW Datasheet
306Kb / 2P
   Visible LED
More results

Similar Description - HT-159RUR

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B1591 HARVATEK-B1591 Datasheet
758Kb / 14P
   Reverse Mountable with Dome LED
07/24/2017 Version 1.2
logo
List of Unclassifed Man...
APTD3216 ETC-APTD3216 Datasheet
213Kb / 1P
   DOME LENS SMD CHIP LED 3216
logo
STANLEY ELECTRIC CO.,LT...
FR1105W-TR STANLEY-FR1105W-TR Datasheet
440Kb / 19P
   3216 Dome Lens Type, Water Clear resin
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
logo
Panasonic Semiconductor
LNJ216C8ARA PANASONIC-LNJ216C8ARA Datasheet
30Kb / 1P
   3216 with Micro - lens
logo
List of Unclassifed Man...
QBLP653B-IR1 ETC1-QBLP653B-IR1 Datasheet
657Kb / 9P
   IR LED with Dome Lens
QBLP653-IR1 ETC1-QBLP653-IR1 Datasheet
657Kb / 9P
   IR LED with Dome Lens
QBLP653-IR3 ETC1-QBLP653-IR3 Datasheet
654Kb / 9P
   IR LED with Dome Lens
logo
Panasonic Semiconductor
LNJ318C8TRU1 PANASONIC-LNJ318C8TRU1 Datasheet
29Kb / 1P
   Dome-Lens Type
logo
P-tec Corporation
PL011-CDB20Z P-TEC-PL011-CDB20Z_14 Datasheet
77Kb / 1P
   1.8mm Round Dome Lens with Flange
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com