Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN9246-12-06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN9246-12-06
Description  High Performance IEC Inlet Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN9246-12-06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN9246-12-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN9246-12-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN9246-12-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN9246-12-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET
IEC Inlet Filters FN 9246
High Performance IEC Inlet Filter
Rated currents up to 20 A
Optional medical versions (B type)
Rear mounting
Excellant attenuation in the lower
frequency range
Technical specifications
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Operating frequency
dc to 400 Hz
Rated currents
1 to 20 A @ 50 °C
Approvals by rated current
1 to 10 A (Semko)
16 A (Semko) for 16 and 20 A types
1 to 20 A (UL, CSA)
High potential test voltage
P –> PE 2000 VAC for 2 sec (standard types)
P –> PE 2500 VAC for 2 sec (B types)
P –> N 1100 VAC for 2 sec (1 to 10 A types)
P –> N 1100 VDC for 2 sec (16 and 20 A types)
Protection category
IP40 according to IEC 60529
Temperature range (operation and storage) -25 °C to +85 °C (25/85/21)
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
Flammability corresponding to
UL 94 V-2 or better
MTBF @ 40°C/230V (Mil-HB-217F)
1,600,000 hours
Approvals
The FN 9246 IEC inlet filter combines an IEC inlet and
mains filter with excellent filter attenuation in a small
form factor. Choosing the FN 9246 product line brings
you the rapid availability of a standard filter
associated with the necessary safety acceptances.
Standard IEC connector filters are a practical solution
helping you to pass EMI system approval in a short
time. A wide selection on current ratings and low
leakage versions for medical applications are
designed to offer you the desired solution.
Features andbenefits
Excellent conducted attenuation performance,
based on chokes with high saturation resistance
and excellent thermal behavior
Rear mounting
Optional low leakage current versions for medical
applications
Rated currents up to 20 A
Custom-specific versions are available on request
Typical applications
Electrical and electronic equipment
Small to medium-sized machines and household
equipment
Single-phase power supplies, switch-mode power
supplies
Test and measurement equipment
Building automation
Medical equipment
Lighting application
Typical electrical schematic


Similar Part No. - FN9246-12-06

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN9246-12-06 SCHAFFNER-FN9246-12-06 Datasheet
2Mb / 4P
   High Performance IEC Inlet Filter
More results

Similar Description - FN9246-12-06

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-9246 SCHAFFNER-FN-9246 Datasheet
2Mb / 4P
   High Performance IEC Inlet Filter
logo
List of Unclassifed Man...
FN9222-15-06 ETC2-FN9222-15-06 Datasheet
724Kb / 6P
   General Performance IEC Inlet Filter
FN9222R-3-06 ETC2-FN9222R-3-06 Datasheet
724Kb / 6P
   General Performance IEC Inlet Filter
logo
Delta Electronics, Inc.
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
   HIGH PERFORMANCE IEC INLET FILTERS
logo
Schaffner International...
FN2660 SCHAFFNER-FN2660 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
27. Sep 2022
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
logo
Delta Electronics, Inc.
08KENG3EAM-R DELTA-08KENG3EAM-R Datasheet
72Kb / 1P
   HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
logo
TE Connectivity Ltd
EJT TEC-EJT Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
logo
Tyco Electronics
1EJT1 MACOM-1EJT1_11 Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
logo
XP Power Limited
FASA XPPOWER-FASA Datasheet
633Kb / 3P
   IEC Inlet with Line Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com