Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ23-C2V7 Datasheet(PDF) 9 Page - General Semiconductor

Part # DZ23-C2V7
Description  Dual Common-Cathode Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

DZ23-C2V7 Datasheet(HTML) 9 Page - General Semiconductor

  DZ23-C2V7 Datasheet HTML 1Page - General Semiconductor DZ23-C2V7 Datasheet HTML 2Page - General Semiconductor DZ23-C2V7 Datasheet HTML 3Page - General Semiconductor DZ23-C2V7 Datasheet HTML 4Page - General Semiconductor DZ23-C2V7 Datasheet HTML 5Page - General Semiconductor DZ23-C2V7 Datasheet HTML 6Page - General Semiconductor DZ23-C2V7 Datasheet HTML 7Page - General Semiconductor DZ23-C2V7 Datasheet HTML 8Page - General Semiconductor DZ23-C2V7 Datasheet HTML 9Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DZ23...
0.59 (15)
0.2 (5)
0.03 (0.8)
0.30 (7.5)
0.12 (3)
.04 (1)
0.06 (1.5)
0.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
0.47 (12)
Layout for R
ΘJA test
Thickness: Fiberglass 0.059 in. (1.5mm)
Copper leads 0.012 in. (0.3mm)
Dimensions in inches
and (millimeters)
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
DZ23 Series
Dual Common-Cathode
Zener Diodes


Similar Part No. - DZ23-C2V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23-G VISHAY-DZ23-G Datasheet
124Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 1.1, 01-Mar-13
DZ23-G VISHAY-DZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.8, 02-Feb-12
More results

Similar Description - DZ23-C2V7

ManufacturerPart #DatasheetDescription
logo
RFE international
DZ23C2V4 RFE-DZ23C2V4 Datasheet
2Mb / 5P
   Zener Diodes (Dual, Common Cathode)
19-JUN-2023
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
   DUAL DIODES - CATHODE COMMON
EA60QC03L NIEC-EA60QC03L Datasheet
46Kb / 6P
   SBD DUAL DIODES CATHODE COMMON
FCQ10A03L NIEC-FCQ10A03L Datasheet
44Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
FCQ20B06 NIEC-FCQ20B06 Datasheet
46Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
KCF16A60 NIEC-KCF16A60 Datasheet
42Kb / 4P
   FRD DUAL DIODES CATHODE COMMON
FCQ20A03L NIEC-FCQ20A03L Datasheet
45Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_10 Datasheet
402Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS
logo
AiT Semiconductor Inc.
BAV70W AITSEMI-BAV70W Datasheet
489Kb / 7P
   SWITCHING DIODES COMMON CATHODE DUAL SWITCHING DIODES
REV1.0
logo
ON Semiconductor
SBAT54CLT1G ONSEMI-SBAT54CLT1G Datasheet
121Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
November, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com