Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5444 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N5444
Description  40-A Silicon Triacs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N5444 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N5444 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 2N5444 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2N5444

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5444 ETC1-2N5444 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
New Jersey Semi-Conduct...
2N5444 NJSEMI-2N5444 Datasheet
83Kb / 1P
   TRIAC, V(DRM) = 200V TO 299.9V
logo
Digitron Semiconductors
2N5444 DIGITRON-2N5444 Datasheet
1Mb / 7P
   40 AMP SILICON TRIACS
logo
New Jersey Semi-Conduct...
2N5444 NJSEMI-2N5444 Datasheet
99Kb / 2P
   40-A Silicon Triacs
More results

Similar Description - 2N5444

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
Digitron Semiconductors
2N5441 DIGITRON-2N5441 Datasheet
1Mb / 7P
   40 AMP SILICON TRIACS
logo
STMicroelectronics
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
   40 A high voltage Triacs
June 2015 Rev 2
TPDV1240RG STMICROELECTRONICS-TPDV1240RG Datasheet
70Kb / 7P
   40 A high voltage Triacs
logo
Littelfuse
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com