Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4316NSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4316NSR
Description  High-Speed CMOS Logic Quad Analog Switch with Level Translation
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4316NSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC4316NSR Datasheet HTML 4Page - Texas Instruments CD74HC4316NSR Datasheet HTML 5Page - Texas Instruments CD74HC4316NSR Datasheet HTML 6Page - Texas Instruments CD74HC4316NSR Datasheet HTML 7Page - Texas Instruments CD74HC4316NSR Datasheet HTML 8Page - Texas Instruments CD74HC4316NSR Datasheet HTML 9Page - Texas Instruments CD74HC4316NSR Datasheet HTML 10Page - Texas Instruments CD74HC4316NSR Datasheet HTML 11Page - Texas Instruments CD74HC4316NSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
Analog Test Circuits
FIGURE 8. CROSSTALK BETWEEN TWO SWITCHES TEST CIRCUIT
FIGURE 9. FREQUENCY RESPONSE TEST CIRCUIT
FIGURE 10. TOTAL HARMONIC DISTORTION TEST CIRCUIT
FIGURE 11. CONTROL-TO-SWITCH FEEDTHROUGH NOISE
TEST CIRCUIT
FIGURE 12. SWITCH OFF SIGNAL FEEDTHROUGH
VCC
VIS
0.1
µF
RC
VCC/2
VOS1
SWITCH
ON
VCC
VCC/2
R
RC
VCC/2
VOS2
SWITCH
ON
dB
METER
VIS
fIS = 1MHz SINEWAVE
R = 50
C = 10pF
R
VCC
VIS
0.1
µF
50
10pF
VCC/2
VOS
SWITCH
ON
dB
METER
VCC
VIS
10
µF
10k
50pF
VCC/2
VOS
SWITCH
ON
DISTORTION
METER
VI = VIH
fIS = 1kHz TO 10kHz
VIS
SINE
WAVE
SWITCH
ALTERNATING
ON AND OFF
tr, tf ≤ 6ns
fCONT = 1MHz
50% DUTY
CYCLE
SCOPE
VP-P
VOS
E
VOS
50pF
600
VCC/2
600
VCC/2
VCC
VCC
VIS
0.1
µF
RC
VCC/2
VOS
SWITCH
ON
dB
METER
R
VCC/2
VC = VIL
fIS ≥ 1MHz SINEWAVE
R = 50
C = 10pF
CD54HC4316, CD74HC4316, CD74HCT4316


Similar Part No. - CD74HC4316NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316NSR TI-CD74HC4316NSR Datasheet
362Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316NSR TI-CD74HC4316NSR Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316NSR TI-CD74HC4316NSR Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316NSR TI-CD74HC4316NSR Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316NSRE4 TI-CD74HC4316NSRE4 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
More results

Similar Description - CD74HC4316NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316 TI-CD74HC4316 Datasheet
58Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316 Datasheet
362Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_08 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_06 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_07 Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
logo
ELM Technology Corporat...
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
   HIGH SPEED CMOS LOGIC IC Analog switch
logo
Texas Instruments
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com