Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8329 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8329
Description  LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8329 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8329 Datasheet HTML 1Page - Texas Instruments ADS8329 Datasheet HTML 2Page - Texas Instruments ADS8329 Datasheet HTML 3Page - Texas Instruments ADS8329 Datasheet HTML 4Page - Texas Instruments ADS8329 Datasheet HTML 5Page - Texas Instruments ADS8329 Datasheet HTML 6Page - Texas Instruments ADS8329 Datasheet HTML 7Page - Texas Instruments ADS8329 Datasheet HTML 8Page - Texas Instruments ADS8329 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
ABSOLUTE MAXIMUM RATINGS
ADS8329
ADS8330
SLAS516C – DECEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
OFFSET
TRANSPORT
LINEARITY
LINEARITY
ERROR
PACKAGE
PACKAGE
TEMPERATURE
ORDERING
MEDIA,
MODEL
(LSB)
(LSB)
(mV)
TYPE
DESIGNATOR
RANGE
INFORMATION
QUANTITY
ADS8329IRSAT
Small tape and reel, 250
4 × 4 QFN-16
RSA
ADS8329IRSAR
Tape and reel, 3000
ADS8329I
±2.5
–1/+2
±0.8
–40°C to +85°C
ADS8329IPW
Tube, 90
TSSOP-16
PW
ADS8329IPWR
Tape and reel, 2000
ADS8329IBRSAT
Small tape and reel, 250
4 × 4 QFN-16
RSA
ADS8329IBRSAR
Tape and reel, 3000
ADS8329IB
±1.75
±1
±0.5
–40°C to +85°C
ADS8329IBPW
Tube, 90
TSSOP-16
PW
ADS8329IBPWR
Tape and reel, 2000
ADS8330IRSAT
Small tape and reel, 250
4 × 4 QFN-16
RSA
ADS8330IRSAR
Tape and reel, 3000
ADS8330I
±2.5
–1/+2
±0.8
–40°C to +85°C
ADS8330IPW
Tube, 90
TSSOP-16
PW
ADS8330IPWR
Tape and reel, 2000
ADS8330IBRSAT
Small tape and reel, 250
4 × 4 QFN-16
RSA
ADS8330IBRSAR
Tape and reel, 3000
ADS8330IB
±1.75
±1
±0.5
–40°C to +85°C
ADS8330IBPW
Tube, 90
TSSOP-16
PW
ADS8330IBPWR
Tape and reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range, unless otherwise noted.
(1)
UNIT
+IN to AGND
–0.3 V to +VA + 0.3 V
Voltage
–IN to AGND
–0.3 V to +VA + 0.3 V
+VA to AGND
–0.3 V to 7 V
+REF to AGND
–0.3 V to +VA + 0.3 V
Voltage range
–REF to AGND
–0.3 V to 0.3 V
+VBD to BDGND
–0.3 V to 7 V
AGND to BDGND
–0.3 V to 0.3 V
Digital input voltage to BDGND
–0.3 V to +VBD + 0.3 V
Digital output voltage to BDGND
–0.3 V to +VBD + 0.3 V
TA
Operating free-air temperature range
–40°C to +85°C
Tstg
Storage temperature range
–65°C to +150°C
Junction temperature (TJ max)
+150°C
Power dissipation
(TJMax – TA)/θJA
4 × 4 QFN-16
package
θ
JA thermal impedance
+47°C/W
Power dissipation
(TJMax – TA)/θJA
TSSOP-16
package
θ
JA thermal impedance
+86°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8329 ADS8330


Similar Part No. - ADS8329

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329I TI-ADS8329I Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS8329

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com