Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR217-1-474 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR217-1-474
Description  DR217-1 SERIES RADIAL LEADED INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR217-1-474 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR217-1-474 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR217-1-474 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
June 6, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
Page 1 of 2
Part Number
Inductance
(µH) @1kHz
Q Min.
Q Test Freq.
SRF
(MHz)
Min.
DCR
(Ohm)
Max.
Rated DC
Current (A) Max.
DR217-1-102
1.0 ± 20%
100
7.96MHz
120
0.035
2.00
DR217-1-122
1.2 ± 20%
100
7.96MHz
120
0.058
1.95
DR217-1-152
1.5 ± 20%
100
7.96MHz
120
0.075
1.90
DR217-1-182
1.8 ± 20%
100
7.96MHz
120
0.11
1.80
DR217-1-222
2.2 ± 20%
100
7.96MHz
100
0.12
1.75
DR217-1-272
2.7 ± 20%
100
7.96MHz
80
0.125
1.68
DR217-1-332
3.3 ± 20%
100
7.96MHz
75
0.13
1.50
DR217-1-392
3.9 ± 10%
100
7.96MHz
70
1.135
1.45
DR217-1-472
4.7 ± 10%
100
7.96MHz
50
0.14
1.32
DR217-1-562
5.6 ± 10%
100
7.96MHz
45
0.145
1.23
DR217-1-682
6.8 ± 10%
100
7.96MHz
30
0.15
1.15
DR217-1-822
8.2 ± 10%
100
7.96MHz
22
0.16
1.10
DR217-1-103
10 ± 10%
80
2.52MHz
20
0.23
1.00
DR217-1-123
12 ± 10%
80
2.52MHz
17
0.24
0.97
DR217-1-153
15 ± 10%
80
2.52MHz
16
0.25
0.92
DR217-1-183
18 ± 10%
80
2.52MHz
12
0.33
0.86
DR217-1-223
22 ± 10%
80
2.52MHz
10
0.45
0.80
DR217-1-273
27 ± 10%
80
2.52MHz
9.5
0.5
0.71
DR217-1-333
33 ± 10%
80
2.52MHz
8.7
0.7
0.66
DR217-1-393
39 ± 10%
70
2.52MHz
8.2
0.74
0.60
DR217-1-473
47 ± 10%
70
2.52MHz
7.8
0.76
0.55
DR217-1-563
56 ± 10%
50
2.52MHz
7.6
0.8
0.50
DR217-1-683
68 ± 10%
50
2.52MHz
6.8
0.9
0.47
DR217-1-823
82 ± 10%
50
2.52MHz
6
0.95
0.43
DR217-1-104
100 ± 10%
45
796kHz
6
1
0.40
DR217-1-124
120 ± 10%
45
796kHz
5.5
1.1
0.37
DR217-1-154
150 ± 10%
65
796kHz
4.2
1.3
0.35
DR217-1-184
180 ± 10%
65
796kHz
3.6
1.5
0.32
DR217-1-224
220 ± 10%
65
796kHz
2.8
1.8
0.30
DR217-1-274
270 ± 10%
50
796kHz
2.4
1.9
0.275
DR217-1-334
330 ± 10%
50
796kHz
2.2
2.2
0.25
DR217-1-394
390 ± 10%
50
796kHz
2
2.7
0.22
DR217-1-474
470 ± 10%
50
796kHz
1.7
3.6
0.20
DR217-1 SERIES RADIAL LEADED INDUCTORS
Features
Designed for EMI Filters & Switching Power Supplies
Inductance Range from 1.0µH to 25mH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC


Similar Part No. - DR217-1-474

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-1-474 DATATRONICS-DR217-1-474 Datasheet
78Kb / 2P
   RADIAL LEADED INDUCTORS
More results

Similar Description - DR217-1-474

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-9 DATATRONICS-DR217-9_14 Datasheet
76Kb / 1P
   DR217-9 SERIES RADIAL LEADED INDUCTORS
DR217-4 DATATRONICS-DR217-4_14 Datasheet
71Kb / 1P
   DR217-4 SERIES RADIAL LEADED INDUCTORS
DR217-6 DATATRONICS-DR217-6_14 Datasheet
78Kb / 1P
   DR217-6 SERIES RADIAL LEADED INDUCTORS
DR217-5 DATATRONICS-DR217-5_14 Datasheet
76Kb / 2P
   DR217-5 SERIES RADIAL LEADED INDUCTORS
DR217-7 DATATRONICS-DR217-7_14 Datasheet
76Kb / 1P
   DR217-7 SERIES RADIAL LEADED INDUCTORS
DR217-2 DATATRONICS-DR217-2_14 Datasheet
74Kb / 2P
   DR217-2 SERIES RADIAL LEADED INDUCTORS
DR217-3 DATATRONICS-DR217-3_14 Datasheet
78Kb / 1P
   DR217-3 SERIES RADIAL LEADED INDUCTORS
DR217-8 DATATRONICS-DR217-8_14 Datasheet
86Kb / 2P
   DR217-8 SERIES RADIAL LEADED INDUCTORS
DR366-1 DATATRONICS-DR366-1 Datasheet
101Kb / 1P
   DR366-1 Series Radial Leaded Shielded Inductors
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com