Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7211BIM5XNOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMC7211BIM5XNOPB
Description  LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7211BIM5XNOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC7211BIM5XNOPB Datasheet HTML 6Page - Texas Instruments LMC7211BIM5XNOPB Datasheet HTML 7Page - Texas Instruments LMC7211BIM5XNOPB Datasheet HTML 8Page - Texas Instruments LMC7211BIM5XNOPB Datasheet HTML 9Page - Texas Instruments LMC7211BIM5XNOPB Datasheet HTML 10Page - Texas Instruments LMC7211BIM5XNOPB Datasheet HTML 11Page - Texas Instruments LMC7211BIM5XNOPB Datasheet HTML 12Page - Texas Instruments LMC7211BIM5XNOPB Datasheet HTML 13Page - Texas Instruments LMC7211BIM5XNOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LMC7211-N
SNOS746F – MAY 2004 – REVISED JANUARY 2013
www.ti.com
At supply voltages of 2.7V, the common-mode voltage range extends 200 mV (guaranteed) below the negative
supply. This feature, in addition to the comparator being able to sense signals near the positive rail, is extremely
useful in low voltage applications.
Figure 3. Even at Low-Supply Voltage of 2.7V, an Input Signal which Exceeds the Supply Voltages
Produces No Phase Inversion at the Output
At V+ = 2.7V propagation delays are tPLH = 4 μs and tPHL = 4 μs with overdrives of 100 mV.
Please refer to the performance curves for more extensive characterization.
Shoot-Through Current
The shoot-through current is defined as the current surge, above the quiescent supply current, between the
positive and negative supplies of a device. The current surge occurs when the output of the device switches
states. The shoot-through current results in glitches in the supply voltages. Usually, glitches in the supply lines
are prevented by bypass capacitors. When the glitches are minimal, the value of the bypass capacitors can be
reduced.
Figure 4. Circuit for Measurement of the
Shoot-Through Current
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMC7211-N


Similar Part No. - LMC7211BIM5XNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7211BIM5X NSC-LMC7211BIM5X Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211BIM5X TI1-LMC7211BIM5X Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211BIM5X TI-LMC7211BIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211BIM5X TI1-LMC7211BIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211BIM5X/NOPB TI1-LMC7211BIM5X/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results

Similar Description - LMC7211BIM5XNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com