Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM211QDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM211QDRQ1
Description  DIFFERENTIAL COMPARATOR WITH STROBES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM211QDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LM211QDRQ1 Datasheet HTML 1Page - Texas Instruments LM211QDRQ1 Datasheet HTML 2Page - Texas Instruments LM211QDRQ1 Datasheet HTML 3Page - Texas Instruments LM211QDRQ1 Datasheet HTML 4Page - Texas Instruments LM211QDRQ1 Datasheet HTML 5Page - Texas Instruments LM211QDRQ1 Datasheet HTML 6Page - Texas Instruments LM211QDRQ1 Datasheet HTML 7Page - Texas Instruments LM211QDRQ1 Datasheet HTML 8Page - Texas Instruments LM211QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM211Q1
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS143A − APRIL 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Fast Response Times
D Strobe Capability
D Maximum Input Bias Current . . . 150 nA
D Maximum Input Offset Current . . . 20 nA
D Can Operate From Single 5-V Supply
description/ordering information
The LM211 is a single high-speed voltage comparator. This device is designed to operate from a wide range
of power-supply voltages, including
±15-V supplies for operational amplifiers and 5-V supplies for logic systems.
The output levels are compatible with most TTL and MOS circuits. This comparator is capable of driving lamps
or relays and switching voltages up to 50 V at 50 mA. All inputs and outputs can be isolated from system ground.
The outputs can drive loads referenced to ground, VCC+, or VCC−. Offset balancing and strobe capabilities are
available, and the outputs can be wire-OR connected. If the strobe is low, the output is in the off state, regardless
of the differential input.
ORDERING INFORMATION{
TA
VIO max
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
3 mV
SOIC (D)
Reel of 2500
LM211QDRQ1
LM211Q1
† For the most current package and ordering information, see the Package Option Addendum at the end of this document,
or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
functional block diagram
BAL/STRB
COL OUT
IN−
IN+
BALANCE
EMIT OUT
+
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
EMIT OUT
IN+
IN−
VCC−
VCC+
COL OUT
BAL/STRB
BALANCE
D PACKAGE
(TOP VIEW)


Similar Part No. - LM211QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211QDRQ1 TI-LM211QDRQ1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results

Similar Description - LM211QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI-LM111 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com