Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM239A-EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM239A-EP
Description  QUAD DIFFERENTIAL COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM239A-EP Datasheet(HTML) 4 Page - Texas Instruments

  LM239A-EP Datasheet HTML 1Page - Texas Instruments LM239A-EP Datasheet HTML 2Page - Texas Instruments LM239A-EP Datasheet HTML 3Page - Texas Instruments LM239A-EP Datasheet HTML 4Page - Texas Instruments LM239A-EP Datasheet HTML 5Page - Texas Instruments LM239A-EP Datasheet HTML 6Page - Texas Instruments LM239A-EP Datasheet HTML 7Page - Texas Instruments LM239A-EP Datasheet HTML 8Page - Texas Instruments LM239A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM239A-EP
SCLS496C – MAY 2003 – REVISED JULY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA
(2)
MIN
TYP
MAX
UNIT
VCC = 5 V to 30 V,
25°C
1
2.5
VIO
Input offset voltage
VIC = VICR min,
mV
Full range
5.5
VO = 1.4 V
25°C
5
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
150
25°C
–25
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–400
0 to
25°C
VCC – 1.5
Common-mode input-voltage
VICR
V
range(3)
0 to
Full range
VCC – 2
Large-signal differential-voltage
VCC = 15 V, VO = 1.4 V to 11.4 V,
AVD
25°C
50
200
V/mV
amplification
RL ≥ 15 kΩ to VCC
VOH = 5 V
25°C
0.1
50
nA
IOH
High-level output current
VID = 1 V
VOH = 30 V
Full range
1
mA
25°C
150
400
VOL
Low-level output voltage
VID = –1 V,
IOL = 4 mA
mV
Full range
700
IOL
Low-level output current
VID = –1 V,
VOL = 1.5 V
25°C
6
16
mA
Supply current
ICC
VO = 2.5 V,
No load
25°C
0.8
2
mA
(four comparators)
(1)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
Full range (MIN to MAX) for LM139 and LM139A is –55°C to 125°C. All characteristics are measured with zero common-mode input
voltage, unless otherwise specified.
(3)
The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the
common-mode voltage range is VCC+ – 1.5 V; however, one input can exceed VCC, and the comparator will provide a proper output
state as long as the other input remains in the common-mode range. Either or both inputs can go to 30 V without damage.
SWITCHING CHARACTERISTICS
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
100-mV input step with 5-mV overdrive
1.3
RL connected to 5 V through 5.1 kΩ,
Response time
ms
CL = 15 pF
(1) (2)
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
4
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): LM239A-EP


Similar Part No. - LM239A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP Datasheet
565Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI1-LM239A-EP Datasheet
604Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI-LM239A-EP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM239A-EP TI-LM239A-EP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM239A-EP TI1-LM239A-EP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results

Similar Description - LM239A-EP

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
   Quad Differential Comparator
logo
Texas Instruments
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com