Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4066ADBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4066ADBR
Description  QUADRUPLE BILATERAL ANALOG SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4066ADBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV4066ADBR Datasheet HTML 2Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 3Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 4Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 5Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 6Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 7Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 8Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 9Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SN54LV4066A, SN74LV4066A
QUADRUPLE BILATERAL ANALOG SWITCHES
SCLS427I − APRIL 1999 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted)
PARAMETER
FROM
TO
TEST
TA = 25°C
SN54LV4066A
SN74LV4066A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
A or B
B or A
CL = 15 pF,
(see Figure 4)
0.3
4
7
7
ns
tPZH
tPZL
Switch
turn-on time
C
A or B
CL = 15 pF,
RL = 1 kΩ
(see Figure 5)
1.6
7
10
10
ns
tPLZ
tPHZ
Switch
turn-off time
C
A or B
CL = 15 pF,
RL = 1 kΩ
(see Figure 5)
3.2
7
10
10
ns
tPLH
tPHL
Propagation
delay time
A or B
B or A
CL = 50 pF,
(see Figure 4)
0.6
6
8
8
ns
tPZH
tPZL
Switch
turn-on time
C
A or B
CL = 50 pF,
RL = 1 kΩ
(see Figure 5)
2.1
12
16
16
ns
tPLZ
tPHZ
Switch
turn-off time
C
A or B
CL = 50 pF,
RL = 1 kΩ
(see Figure 5)
5.1
12
16
16
ns
analog switch characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM
TO
TEST
V
TA = 25°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
F
CL = 50 pF, RL = 600 Ω,
2.3 V
30
Frequency response
(switch on)
A or B
B or A
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
3 V
35
MHz
(switch on)
A or B
B or A
fin
1 MHz (sine wave)
20log10(VO/VI) = −3 dB (see Figure 6)
4.5 V
50
MHz
Ct lk
2.3 V
−45
Crosstalk
(between any switches)
A or B
B or A
CL = 50 pF, RL = 600 Ω,
fi = 1 MHz (sine wave) (see Figure 7)
3 V
−45
dB
(between any switches)
A or B
B or A
fin = 1 MHz (sine wave) (see Figure 7)
4.5 V
−45
dB
Crosstalk
2.3 V
15
Crosstalk
(control input to
C
A or B
CL = 50 pF, RL = 600 Ω,
fi = 1 MHz (square wave) (see Figure 8)
3 V
20
mV
(control input to
signal output)
C
A or B
fin = 1 MHz (square wave) (see Figure 8)
4.5 V
50
mV
Fd th
h tt
ti
2.3 V
−40
Feed-through attenuation
(switch off)
A or B
B or A
CL = 50 pF, RL = 600 Ω, fin = 1 MHz
(see Figure 9)
3 V
−40
dB
(switch off)
A or B
B or A
(see Figure 9)
4.5 V
−40
dB
CL=50 pF RL =10kΩ
VI = 2 Vp-p
2.3 V
0.1
Sine-wave distortion
A or B
B or A
CL= 50 pF, RL = 10 kΩ,
fin = 1 kHz (sine wave)
(see Figure 10)
VI = 2.5 Vp-p
3 V
0.1
%
(see Figure 10)
VI = 4 Vp-p
4.5 V
0.1
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
4.5
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV4066ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4066ADBR TI-SN74LV4066ADBR Datasheet
574Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066ADBR TI-SN74LV4066ADBR Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066ADBR TI-SN74LV4066ADBR Datasheet
872Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066ADBR TI-SN74LV4066ADBR Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066ADBRG4 TI-SN74LV4066ADBRG4 Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
More results

Similar Description - SN74LV4066ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4066A TI-SN54LV4066A_09 Datasheet
872Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A Datasheet
574Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_07 Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_10 Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
HEF4016B PHILIPS-HEF4016B Datasheet
79Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4066B PHILIPS-HEF4066B Datasheet
88Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4016B_CNV PHILIPS-HEF4016B_CNV_15 Datasheet
81Kb / 8P
   Quadruple bilateral switches
January 1995
HEC4066B PHILIPS-HEC4066B Datasheet
85Kb / 8P
   gates Quadruple bilateral switches
January 1995
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com