Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYW34 Datasheet(PDF) 1 Page - General Semiconductor

Part # BYW34
Description  MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BYW34 Datasheet(HTML) 1 Page - General Semiconductor

  BYW34 Datasheet HTML 1Page - General Semiconductor BYW34 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYW32 THRU BYW36
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
Reverse Voltage - 200 to 600 Volts Forward Current - 2.0 Amperes
FEATURES
♦ High temperature metallurgically bonded
construction
♦ Hermetically sealed case
♦ Glass passivated cavity-free junction
♦ 2.0 Ampere operation
at TA=55°C with no
thermal runaway
♦ Typical IR less than 0.1µA
♦ Capable of meeting environmental standards
of MIL-STD-19500
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
350°C/10 seconds 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AP solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.02 ounce, 0.56 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
BYW32
BYW33
BYW34
BYW35
BYW36
UNITS
Maximum repetitive peak reverse voltage
VRRM
200
300
400
500
600
Volts
Maximum RMS voltage
VRMS
140
210
280
350
420
Volts
Maximum DC blocking voltage
VDC
200
300
400
500
600
Volts
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA=55°C
I(AV)
2.0
Amps
Peak forward surge current
10ms single half sine-wave superimposed
on rated load at TA=25°C
IFSM
40.0
Amps
Maximum instantaneous forward voltage at 2.0A
VF
1.2
Volts
Maximum DC reverse current
at rated DC blocking voltage
IR
5.0
µA
Maximum full load reverse current
Full cycle average, 0.375” (9.5mm)
TA=25°C
IR(AV)
5.0
µA
lead length
TA=100°C
50.0
Maximum reverse recovery time (NOTE 1)
trr
200
ns
Typical junction capacitance (NOTE 2)
CJ
15.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
55.0
°C/W
Operating junction temperature range
TJ
-65 to +175
°C
Storage temperature range
TSTG
-65 to +200
°C
NOTES:
(1) Measured with IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
4/98
0.034 (0.86)
0.028 (0.71)
DIA.
0.150 (3.8)
0.100 (2.5)
DIA.
1.0 (25.4)
MIN.
0.240 (6.1)
MAX.
1.0 (25.4)
MIN.
DO-204AP
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306


Similar Part No. - BYW34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW34 VISHAY-BYW34 Datasheet
46Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Galaxy Semi-Conductor H...
BYW34 BILIN-BYW34 Datasheet
72Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
BYW34 EIC-BYW34 Datasheet
50Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Vishay Siliconix
BYW34 VISHAY-BYW34 Datasheet
118Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
BYW34 VISHAY-BYW34 Datasheet
121Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 11-Sep-12
More results

Similar Description - BYW34

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV95 GE-BYV95 Datasheet
52Kb / 2P
   MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
RG1 NJSEMI-RG1 Datasheet
91Kb / 1P
   MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
BYX10GP VISHAY-BYX10GP Datasheet
74Kb / 4P
   Miniature Glass Passivated Junction Fast Switching Rectifier
Revision: 12-Dec-13
logo
General Semiconductor
RMPG06A GE-RMPG06A Datasheet
50Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
RG4A GE-RG4A Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RGPP15 CHENG-YI-RGPP15 Datasheet
97Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
RG1A NJSEMI-RG1A Datasheet
93Kb / 1P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
General Semiconductor
RG1A GE-RG1A Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RGPP30 CHENG-YI-RGPP30 Datasheet
118Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
RG3A NJSEMI-RG3A Datasheet
92Kb / 1P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com