Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC372MDREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372MDREP
Description  LinCMOS??DUAL DIFFERENTIAL COMPARATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC372MDREP Datasheet(HTML) 5 Page - Texas Instruments

  TLC372MDREP Datasheet HTML 1Page - Texas Instruments TLC372MDREP Datasheet HTML 2Page - Texas Instruments TLC372MDREP Datasheet HTML 3Page - Texas Instruments TLC372MDREP Datasheet HTML 4Page - Texas Instruments TLC372MDREP Datasheet HTML 5Page - Texas Instruments TLC372MDREP Datasheet HTML 6Page - Texas Instruments TLC372MDREP Datasheet HTML 7Page - Texas Instruments TLC372MDREP Datasheet HTML 8Page - Texas Instruments TLC372MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
R6
5.1 k
Buffer
U1b
1/4 TLC274C
R1
240 k
C2
1
µF
R4
47 k
U1a
1/4 TLC274CN
U1c
1/4 TLC274CN
R2
10 k
R3
100 k
C1
0.1
µF
R10
100 k
Ω, 1%
R9
10 k
Ω, 1%
R7
1 M
R8
1.8 k
Ω, 1%
R5
1.8 k
Ω, 1%
VDD
DUT
Integrator
VIO
(X100)
C3
0.68
µF
C4
0.1
µF
Triangle
Generator
+
TLC372-EP
LinCMOS™ DUAL DIFFERENTIAL COMPARATORS
SGLS385 – MARCH 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 2 illustrates a practical circuit for direct dc measurement of input offset voltage that does not bias the
comparator into the linear region. The circuit consists of a switching-mode servo loop in which U1a generates a
triangular waveform of approximately 20-mV amplitude. U1b acts as a buffer, with C2 and R4 removing any
residual dc offset. The signal is then applied to the inverting input of the comparator under test, while the
noninverting input is driven by the output of the integrator formed by U1c through the voltage divider formed by
R9 and R10. The loop reaches a stable operating point when the output of the comparator under test has a duty
cycle of exactly 50%, which can only occur when the incoming triangle wave is sliced symmetrically or when the
voltage at the noninverting input exactly equals the input offset voltage.
Figure 2. Circuit for Input Offset Voltage Measurement
Voltage divider R9 and R10 provides a step up of the input offset voltage by a factor of 100 to make
measurement easier. The values of R5, R8, R9, and R10 can significantly influence the accuracy of the reading;
therefore, it is suggested that their tolerance level be 1% or lower.
Measuring the extremely low values of input current requires isolation from all other sources of leakage current
and compensation for the leakage of the test socket and board. With a good picoammeter, the socket and board
leakage can be measured with no device in the socket. Subsequently, this open-socket leakage value can be
subtracted from the measurement obtained with a device in the socket to obtain the actual input current of the
device.
5
Submit Documentation Feedback


Similar Part No. - TLC372MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372MDREP TI1-TLC372MDREP Datasheet
550Kb / 17P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC372MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP Datasheet
550Kb / 17P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI1-TLC374_15 Datasheet
969Kb / 26P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com