Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3012AMDBVREP Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV3012AMDBVREP
Description  NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3012AMDBVREP Datasheet(HTML) 4 Page - Texas Instruments

  TLV3012AMDBVREP Datasheet HTML 1Page - Texas Instruments TLV3012AMDBVREP Datasheet HTML 2Page - Texas Instruments TLV3012AMDBVREP Datasheet HTML 3Page - Texas Instruments TLV3012AMDBVREP Datasheet HTML 4Page - Texas Instruments TLV3012AMDBVREP Datasheet HTML 5Page - Texas Instruments TLV3012AMDBVREP Datasheet HTML 6Page - Texas Instruments TLV3012AMDBVREP Datasheet HTML 7Page - Texas Instruments TLV3012AMDBVREP Datasheet HTML 8Page - Texas Instruments TLV3012AMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Temperature – °C
3.8
3.6
3.4
3.2
3
2.8
2.6
2.4
2.2
2
-50
25
50
75
100
-25
0
125
1
Output Transition Frequency – Hz
100
10
1k
10k
8
7
6
5
4
3
2
1
0
V = 5 V
S
V = 3 V
S
V = 1.8 V
S
TLV3011
R
PULLUP = 1 MΩ
1
Output Switching Frequency – Hz
100
10
1k
10k
100k
14
12
10
8
6
4
2
0
V = 5 V
S
V = 3 V
S
V = 1.8 V
S
TLV3012
-50
Temperature – °C
25
50
-25
0
75
100
125
45
40
35
30
25
20
15
10
5
0
-5
TLV3011-EP, TLV3012-EP
SGLS349 – OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature
Operating range
–55
125
°C
Storage range
–65
150
°C
Thermal resistance
SOT23-6
200
°C/W
QUIESCENT CURRENT
QUIESCENT CURRENT
vs
vs
TEMPERATURE
OUTPUT SWITCHING FREQUENCY
Figure 1.
Figure 2.
QUIESCENT CURRENT
INPUT BIAS CURRENT
vs
vs
OUTPUT SWITCHING FREQUENCY
TEMPERATURE
Figure 3.
Figure 4.
4
Submit Documentation Feedback


Similar Part No. - TLV3012AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3012AMDBVREP TI-TLV3012AMDBVREP Datasheet
1Mb / 34P
[Old version datasheet]   TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
REVISED MAY 2023
More results

Similar Description - TLV3012AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com