Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR340-1-123 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR340-1-123
Description  SHIELDED POWER INDUCTOR DR340-1 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR340-1-123 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR340-1-123 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR340-1-123 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
November 8, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
.504
12,80
.212
5,40
.275
7,00
1
2
XXX
.315 Max.
8,00
.311
7,90
.197
5,00
.472
12,00
.472
12,00
SHIELDED POWER INDUCTOR DR340-1 SERIES
Features
Maximum Height: 8.0mm
Footprint: 12mm x 12mm Max.
Inductance Range from 1.2 µH to 47µH
Non-RoHS Versions are Available
(Note 7)
ELECTRICAL SPECIFICATIONS AT 25°C
OPERATING TEMPERATURE -20°C to +80°C
Part Number
Inductance (µH)
Test Frequency
DCR (Ω) Max.
IDC (A) Max.
DR340-1-122
1.2 +40%/-20%
100kHz
0.007
9.80
DR340-1-242
2.4 +40%/-20%
100kHz
0.012
8.00
DR340-1-352
3.5 +40%/-20%
100kHz
0.014
7.50
DR340-1-472
4.7 +40%/-20%
100kHz
0.016
6.80
DR340-1-612
6.1 +40%/-20%
100kHz
0.018
6.60
DR340-1-762
7.6 +40%/-20%
100kHz
0.020
5.90
DR340-1-103
10
 20%
1kHz
0.022
5.40
DR340-1-123
12
 20%
1kHz
0.025
4.90
DR340-1-153
15
 20%
1kHz
0.027
4.50
DR340-1-183
18
 20%
1kHz
0.040
3.90
DR340-1-223
22
 20%
1kHz
0.044
3.60
DR340-1-273
27
 20%
1kHz
0.046
3.40
DR340-1-333
33
 20%
1kHz
0.065
3.00
DR340-1-393
39
 20%
1kHz
0.073
2.75
DR340-1-473
47
 20%
1kHz
0.100
2.50
DR340-1-683
68 ± 20%
1kHz
0.140
2.10
DR340-1-104
100 ± 20%
1kHz
0.22
1.70
DR340-1-334
330
 20%
1kHz
0.52
1.50
MECHANICAL OUTLINES
NOTES:
1.
Dimensions are shown in inches/millimeters
2.
Unless otherwise specified, tolerance = Inches: ±0.012
= Millimeters: ±0,30
3.
IDC MAX based on the inductance being 75% of its initial value
4.
Tape & reel quantity, 350 pcs/reel
5.
Terminal finish is compliant to RoHS requirements
6.
Solder in accordance with J-STD-002 Rev. D
7.
Non-RoHS series parts 42-340-1-XXX are finished with leaded solder Sn60Pb40 or equivalent


Similar Part No. - DR340-1-123

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-1-123 DATATRONICS-DR340-1-123 Datasheet
128Kb / 1P
   SHIELDED POWER INDUCTOR
More results

Similar Description - DR340-1-123

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-4 DATATRONICS-DR340-4_14 Datasheet
92Kb / 2P
   SHIELDED POWER INDUCTOR DR340-4 SERIES
DR340-2 DATATRONICS-DR340-2_14 Datasheet
108Kb / 1P
   SHIELDED POWER INDUCTOR DR340-2 SERIES
DR340-3 DATATRONICS-DR340-3_14 Datasheet
112Kb / 2P
   SHIELDED POWER INDUCTOR DR340-3 SERIES
DR340-5 DATATRONICS-DR340-5_14 Datasheet
92Kb / 2P
   SHIELDED POWER INDUCTOR DR340-5 SERIES
DR340-6 DATATRONICS-DR340-6_14 Datasheet
77Kb / 1P
   SHIELDED SMD INDUCTOR DR340-6 SERIES
DR358-1 DATATRONICS-DR358-1_14 Datasheet
104Kb / 1P
   SHIELDED SMD INDUCTOR DR358-1 SERIES
DR357-1 DATATRONICS-DR357-1_14 Datasheet
97Kb / 1P
   SHIELDED SMD INDUCTOR DR357-1 SERIES
DR350-1 DATATRONICS-DR350-1_14 Datasheet
95Kb / 1P
   SHIELDED SMD INDUCTOR DR350-1 SERIES
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com