Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3492A-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3492A-EP
Description  1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3492A-EP Datasheet(HTML) 5 Page - Texas Instruments

  TLV3492A-EP Datasheet HTML 1Page - Texas Instruments TLV3492A-EP Datasheet HTML 2Page - Texas Instruments TLV3492A-EP Datasheet HTML 3Page - Texas Instruments TLV3492A-EP Datasheet HTML 4Page - Texas Instruments TLV3492A-EP Datasheet HTML 5Page - Texas Instruments TLV3492A-EP Datasheet HTML 6Page - Texas Instruments TLV3492A-EP Datasheet HTML 7Page - Texas Instruments TLV3492A-EP Datasheet HTML 8Page - Texas Instruments TLV3492A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
PROPAGATIONDELAY(t
PLH)vsCAPACITIVELOAD
0.01
CapacitiveLoad(nF)
1
10
0.1
100
1k
80
70
60
50
40
30
20
10
0
V
DD =1.8V
V
DD =5V
V
DD =3V
PROPAGATIONDELAY(t
PHL)vsCAPACITIVELOAD
0.01
CapacitiveLoad(nF)
1
10
0.1
100
1k
80
70
60
50
40
30
20
10
0
V
DD =5V
V
DD =3V
V
DD =1.8V
PROPAGATION DELAY (t
PLH) vs INPUT OVERDRIVE
0
InputOverdrive(mV)
40
50
60
10
20
30
70
90
80
100
20
18
16
14
12
10
8
6
4
V
DD =5V
V
DD =3V
V
DD =1.8V
PROPAGATION DELAY (t
PHL) vs INPUT OVERDRIVE
0
InputOverdrive(mV)
40
50
60
10
20
30
70
90
80
100
20
18
16
14
12
10
8
6
4
V
DD =1.8V
V
DD =5V
V
DD =3V
PROPAGATIONDELAY(t
PLH)vsTEMPERATURE
50
Temperature( °C)
25
50
25
0
75
100
125
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
V
DD =1.8V
V
DD =3V
V
DD =5V
PROPAGATIONDELAY(t
PHL)vsTEMPERATURE
Temperature(° C)
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
V
DD =1.8V
V
DD =5V
V
DD =3V
50
25
50
25
0
75
100
125
TLV3491A-EP, TLV3492A-EP, TLV3494A-EP
SGDS035 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = 1.8 V to 5.5 V, and Input Overdrive = 100 mV, unless otherwise noted.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV3491A-EP TLV3492A-EP TLV3494A-EP


Similar Part No. - TLV3492A-EP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3492AID BURR-BROWN-TLV3492AID Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3492AID TI1-TLV3492AID Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Burr-Brown (TI)
TLV3492AIDCNR BURR-BROWN-TLV3492AIDCNR Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3492AIDCNR TI1-TLV3492AIDCNR Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3492AIDCNRG4 TI1-TLV3492AIDCNRG4 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
More results

Similar Description - TLV3492A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_17 Datasheet
528Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com