Electronic Components Datasheet Search |
|
FM105 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
FM105 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
1 / 2 page Mechanical data Case : Molded plastic, SOD-123 FL Polarity : Indicated by cathode band Mounting Position : Any Weight : Approximated 0.0 1gram Maximum ratings PARAMETER CONDITIONS Forward rectified current Forward surge current Reverse current Thermal resistance Diode junction capacitance Storage temperature See Fig.2 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) f=1MHz and applied 4V DC reverse voltage Symbol MIN. TYP. MAX. UNIT I O I FSM I R R èJA C J T STG A A uA OC/W OC pF 1.0 30 5.0 +175 -65 42 O V = V T = 25 C R RRM A O V = V T = 100 C R RRM A Junction to ambient 15 100 Features Batch process design, excellent power dissipation offers better reverse leakage current and thermal resistance. Low profile surface mounted application in order to optimize board space. Tiny plastic SMD package. High current capability. Fast switching for high efficiency. High surge current capability. Glass passivated chip junction. Lead-free parts meet RoHS requirments. FM101 FM102 FM103 50 100 200 35 70 140 SYMBOLS V RRM (V) V RMS V R (V) (V) *1 *2 *3 *1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage *5 Reverse recovery time V F (V) *4 FM104 FM105 400 600 280 420 1.30 -55 to +150 FM106 FM107 800 1000 560 700 T RR (nS) *5 150 250 500 50 100 200 400 600 800 1000 O (C) Operating temperature T, J Maximum Ratings and Electrical Characteristics Rating at 25oC ambient temperature unless otherwise specified. FM101 - FM107 1.0A Surface Mount Fast Recovery Rectifiers 2.8±0.1 Cathode Band Top View 3.7±0.2 0.6±0.25 SOD - 123FL Dimensions in millimeters |
Similar Part No. - FM105 |
|
Similar Description - FM105 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |