Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4185 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4185
Description  Low Power Touch Screen Controller with SPI Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4185 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4185 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4185 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4185 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4185 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4185 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4185 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4185 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4185 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4185 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
[AK4185]
MS0954-J-05
2010/10
- 11 -
温度測定
ダイオードの特性は、以下の式で近似できます。
( )
T
D
V
V
0
D
e
I
i
=
>
<
⎟⎟
⎜⎜
⎛ ⋅
=
1
q
T
k
V
T
ただし、
I0: 暗電流
q: 1.602189
×10-19 (電子の電荷)
k: 1.38054
×10-23(ボルツマン定数)
VD: ダイオード接合電圧
T: 絶対温度
ダイオード接合電圧は温度に比例するため、この電圧を測定することで温度を知ることが可能です。
Temp.
Sensor
TEMP0
TEMP1
I
80
1
Figure 6. 温度測定回路
AK4185 は、Figure 6 のように異なる 2 種類の電流を出力する定電流回路とダイオードを内蔵しており、2 種
類の方法
(1 回変換方式、2 回変換方式)で温度測定を行うことが可能です。
2 回変換方式では、2 種類の異なる電流に対するダイオード接合電圧を測定することで、予め、特定温度に
対するリファレンス電圧を知ることなく、直接絶対温度を知ることが可能です。
<1>式より
()
()
⎪⎭
⎪⎩
=
=
⎟⎟
⎜⎜
=
⎟⎟
⎜⎜
T
V
)
80
(
V
1
V
D0
D1
e
80
80
I
1
I
i
i
273
)
80
(
In
k
q
V
T
be
]
C
[
Δ
=
°
() ( )
80
V
1
V
Vbe
=
Δ
273
V
10
648
.
2
T
be
3
]
C
[
Δ
×
×
=
°
ある温度でダイオード接合電圧が分かっている場合は、
<2>式より 1 回の測定でも現在の温度を知ることが
可能です。
>
<
⎟⎟
⎜⎜
=
2
In
V
q
k
T
0
I
D
i
D


Similar Part No. - AK4185

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185-A AKM-AK4185-A Datasheet
900Kb / 18P
   Evaluation board
AK4185ECB AKM-AK4185ECB Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185ECB AKM-AK4185ECB Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
More results

Similar Description - AK4185

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
logo
Asahi Kasei Microsystem...
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800_10 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com