Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC2709T Datasheet(PDF) 2 Page - celduc-relais

Part # PC2709T
Description  BIPOLAR ANALOG INTEGRATED CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

PC2709T Datasheet(HTML) 2 Page - celduc-relais

  PC2709T Datasheet HTML 1Page - celduc-relais PC2709T Datasheet HTML 2Page - celduc-relais PC2709T Datasheet HTML 3Page - celduc-relais PC2709T Datasheet HTML 4Page - celduc-relais PC2709T Datasheet HTML 5Page - celduc-relais PC2709T Datasheet HTML 6Page - celduc-relais PC2709T Datasheet HTML 7Page - celduc-relais PC2709T Datasheet HTML 8Page - celduc-relais PC2709T Datasheet HTML 9Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet P12653EJ3V0DS00
2
PC2709TB
PIN CONNECTIONS
PRODUCT LINE-UP OF 5 V-BIAS SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
(TA = +25°C, VCC =Vout = 5.0 V, ZS =ZL = 50
)
Part No.
fu
(GHz)
PO (sat)
(dBm)
GP
(dB)
NF
(dB)
ICC
(mA)
Package
Marking
PC2708T
6-pin minimold
PC2708TB
2.9
+10.0
15
6.5
@f = 1 GHz
26
6-pin super minimold
C1D
PC2709T
6-pin minimold
PC2709TB
2.3
+11.5
23
5
@f = 1 GHz
25
6-pin super minimold
C1E
PC2710T
6-pin minimold
PC2710TB
1.0
+13.5
33
3.5
@f = 0.5 GHz
22
6-pin super minimold
C1F
PC2776T
6-pin minimold
PC2776TB
2.7
+8.5
23
6.0
@f = 1 GHz
25
6-pin super minimold
C2L
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
Caution The package size distinguishes between minimold and super minimold.
3
2
1
4
(Top View)
5
6
4
5
6
3
(Bottom View)
2
1
Pin No.
Pin Name
1INPUT
2GND
3GND
4OUTPUT
5GND
6VCC


Similar Part No. - PC2709T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC27090100A ETC2-PC27090100A Datasheet
1Mb / 12P
   consists of a PCB antenna and 1.13mm coaxial cable with MMCX(M) 90 degree connector.
logo
Taoglas antenna solutio...
PC27090100A TAOGLAS-PC27090100A Datasheet
714Kb / 9P
   850 / 900 / 1800 / 1900MHz GSM PCB Antenna W/100mm 1.13 Coaxial Cable MMCX (M) R/A Connector
More results

Similar Description - PC2709T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1490 NEC-UPC1490 Datasheet
158Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
logo
Renesas Technology Corp
UPC1228 RENESAS-UPC1228 Datasheet
1Mb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1983
UPC1663B RENESAS-UPC1663B Datasheet
443Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC8190K RENESAS-UPC8190K Datasheet
292Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC1099 RENESAS-UPC1099 Datasheet
558Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC1297 RENESAS-UPC1297 Datasheet
819Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1985
UPC842 RENESAS-UPC842 Datasheet
576Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC7800A RENESAS-UPC7800A Datasheet
634Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC8119T RENESAS-UPC8119T Datasheet
663Kb / 52P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2003
UPC1100 RENESAS-UPC1100 Datasheet
563Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC1906 RENESAS-UPC1906 Datasheet
930Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com