Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC2709T Datasheet(PDF) 1 Page - celduc-relais

Part # PC2709T
Description  BIPOLAR ANALOG INTEGRATED CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

PC2709T Datasheet(HTML) 1 Page - celduc-relais

  PC2709T Datasheet HTML 1Page - celduc-relais PC2709T Datasheet HTML 2Page - celduc-relais PC2709T Datasheet HTML 3Page - celduc-relais PC2709T Datasheet HTML 4Page - celduc-relais PC2709T Datasheet HTML 5Page - celduc-relais PC2709T Datasheet HTML 6Page - celduc-relais PC2709T Datasheet HTML 7Page - celduc-relais PC2709T Datasheet HTML 8Page - celduc-relais PC2709T Datasheet HTML 9Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Caution Electro-static sensitive devices
BIPOLAR ANALOG INTEGRATED CIRCUITS
PC2709TB
5 V, SUPER MINIMOLD SILICON MMIC
MEDIUM OUTPUT POWER AMPLIFIER
Document No. P12653EJ3V0DS00 (3rd edition)
Date Published November 2000 N CP(K)
DATA SHEET
The mark shows major revised points.
DESCRIPTION
The PC2709TB isa silicon monolithic integrated circuits designed as 1st IF amplifier for DBS tuners. This IC is
packaged in super minimold package which is smaller than conventional minimold.
The PC2709TB has compatible pin connections and performance to PC2709T of conventional minimold
version. So, in the case of reducing your system size, PC2709TB is suitable to replace from PC2709T.
These IC is manufactured using NEC’s 20 GHz fT NESAT™III silicon bipolar process. This process uses silicon
nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and
prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.
FEATURES
• High-density surface mounting : 6-pin super minimold package (2.0 1.25 0.9 mm)
• Wideband response
: fu = 2.3 GHz TYP. @3 dB bandwidth
• Medium output power
: PO (sat) = +11.5 dBm@f= 1 GHz with external inductor
• Supply voltage
: VCC = 4.5 to 5.5 V
• Power gain
: GP = 23 dB TYP. @f = 1 GHz
• Port impedance
: input/output 50
APPLICATIONS
• 1st IF amplifiers in DBS converters
• RF stage buffer in DBS tuners, etc.
ORDERING INFORMATION (PB-Free)
m
r
o
F
g
ni
yl
p
p
u
S
g
ni
k
r
a
M
e
g
a
k
c
a
P
r
e
b
m
u
N
tr
a
P
6-pin super minimold
C1E
Embossed tape 8 mm wide.
1, 2, 3 pins face the perforation side of the tape.
Qty 3 kpcs/reel.
Remark To order evaluation samples, please contact your local sales office (Part number for sample order:
PC2709TB-A).
PC2709TB-E3-A
The information in this document is subject to change without notice. Before using this document, please confirm
that this is the latest version.


Similar Part No. - PC2709T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC27090100A ETC2-PC27090100A Datasheet
1Mb / 12P
   consists of a PCB antenna and 1.13mm coaxial cable with MMCX(M) 90 degree connector.
logo
Taoglas antenna solutio...
PC27090100A TAOGLAS-PC27090100A Datasheet
714Kb / 9P
   850 / 900 / 1800 / 1900MHz GSM PCB Antenna W/100mm 1.13 Coaxial Cable MMCX (M) R/A Connector
More results

Similar Description - PC2709T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1490 NEC-UPC1490 Datasheet
158Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
logo
Renesas Technology Corp
UPC1228 RENESAS-UPC1228 Datasheet
1Mb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1983
UPC1663B RENESAS-UPC1663B Datasheet
443Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC8190K RENESAS-UPC8190K Datasheet
292Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC1099 RENESAS-UPC1099 Datasheet
558Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC1297 RENESAS-UPC1297 Datasheet
819Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1985
UPC842 RENESAS-UPC842 Datasheet
576Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC7800A RENESAS-UPC7800A Datasheet
634Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC8119T RENESAS-UPC8119T Datasheet
663Kb / 52P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2003
UPC1100 RENESAS-UPC1100 Datasheet
563Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC1906 RENESAS-UPC1906 Datasheet
930Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com