Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A4741 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A4741
Description  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A4741 Datasheet(HTML) 2 Page - Texas Instruments

  TS3A4741 Datasheet HTML 1Page - Texas Instruments TS3A4741 Datasheet HTML 2Page - Texas Instruments TS3A4741 Datasheet HTML 3Page - Texas Instruments TS3A4741 Datasheet HTML 4Page - Texas Instruments TS3A4741 Datasheet HTML 5Page - Texas Instruments TS3A4741 Datasheet HTML 6Page - Texas Instruments TS3A4741 Datasheet HTML 7Page - Texas Instruments TS3A4741 Datasheet HTML 8Page - Texas Instruments TS3A4741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ABSOLUTE MINIMUM AND MAXIMUM RATINGS
(1)
PACKAGE THERMAL IMPEDANCE
TS3A4741,, TS3A4742
0.9-
Ω LOW-VOLTAGE SINGLE-SUPPLY
DUAL SPST ANALOG SWITCHES
SCDS228D – AUGUST 2006 – REVISED JANUARY 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage reference to GND(2)
–0.3
4
V
VNO
VCOM
Analog and digital voltage range
–0.3
V+ + 0.3
V
VIN
INO
On-state switch current
VNO, VCOM = 0 to V+
–100
100
mA
ICOM
I+
Continuous current through V+ or GND
±100
mA
IGND
Peak current pulsed at 1 ms, 10% duty cycle
COM, VNO, VCOM
±200
mA
TA
Operating temperature range
–40
85
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Signals on COM or NO exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current rating.
UNIT
DCN package
88
θ
JA
Package thermal impedance(1)
°C/W
DGK package
88
(1)
The package thermal impedance is measured in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3A4741 TS3A4742


Similar Part No. - TS3A4741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741DCNR TI-TS3A4741DCNR Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4741DCNR TI-TS3A4741DCNR Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
More results

Similar Description - TS3A4741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_15 Datasheet
981Kb / 26P
[Old version datasheet]   TS3A474x 0.9-廓 Low-Voltage Single-Supply 2-Channel SPST Analog Switches
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com