Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1-6W-K Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # UM1-6W-K
Description  1 POLE, 0.5A (HIGH FREQUENCE SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

UM1-6W-K Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  UM1-6W-K Datasheet HTML 1Page - Fujitsu Component Limited. UM1-6W-K Datasheet HTML 2Page - Fujitsu Component Limited. UM1-6W-K Datasheet HTML 3Page - Fujitsu Component Limited. UM1-6W-K Datasheet HTML 4Page - Fujitsu Component Limited. UM1-6W-K Datasheet HTML 5Page - Fujitsu Component Limited. UM1-6W-K Datasheet HTML 6Page - Fujitsu Component Limited. UM1-6W-K Datasheet HTML 7Page - Fujitsu Component Limited. UM1-6W-K Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UM1 SERIES
MINIATURE RELAY
1 POLE, 0.5A
(HIGH FREQUENCE SIGNAL SWITCHING)
RoHS Compliant
n
FEATURES
l
Subminiature polarized relay
l
Excellent high frequency characteristics
—Isolation
: min. 60 dB
—Insertion loss : max. 1 dB
—V.S.W.R.
: max. 1.2
}
l
High reliability— Bifurcated contacts
— Movable contact: gold overlay
— Stationary contact: gold clad
l
Wide operating range
l
DIL pitch terminals
l
Plastic sealed type
l
Latching type available
l
RoHS compliant since date code: 0437T2
Please see page 7 for more information
at 900 MHz
(Impedance of
the measuring
devices is 75Ω)
n
ORDERING INFORMATION
UM1 L
D
12 W
K
[Example]
(a)
(b)
(c) (d) (e)
(f)
(a)
Series Name
UM1: UM1 Series
(b)
Operation Function
Nil : Standard type
L : Latching type
(c)
Number of Coil
Nil : Single winding type
D : Double winding type
(d)
Nominal Voltage
Refer to the COIL DATA CHART
(e)
Contact
W : Bifurcated type (cross bar)
(f)
Enclosure
K : Plastic sealed type
DISC
ONTINUED
(2005)


Similar Part No. - UM1-6W-K

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
UM1-1 GOLLEDGE-UM1-1 Datasheet
60Kb / 1P
   Miniature Crystals
UM1-1/231 GOLLEDGE-UM1-1/231 Datasheet
60Kb / 1P
   Miniature Crystals
logo
Fujitsu Component Limit...
UM1-12W-K FUJITSU-UM1-12W-K Datasheet
442Kb / 8P
   MINIATURE RELAY 1 POLE, 0.5A (HIGH FREQUENCE SIGNAL SWITCHING)
logo
Golledge Electronics Lt...
UM1-4 GOLLEDGE-UM1-4 Datasheet
60Kb / 1P
   Miniature Crystals
UM1-4/231 GOLLEDGE-UM1-4/231 Datasheet
60Kb / 1P
   Miniature Crystals
More results

Similar Description - UM1-6W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
UM1L-D12W-K FUJITSU-UM1L-D12W-K Datasheet
442Kb / 8P
   MINIATURE RELAY 1 POLE, 0.5A (HIGH FREQUENCE SIGNAL SWITCHING)
FBR211 FUJITSU-FBR211 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Suntan Capacitors
TSQ-OSC3225 SUNTAN-TSQ-OSC3225 Datasheet
117Kb / 1P
   Tight frequence tolerance
logo
Rohm
RSS105N03 ROHM-RSS105N03 Datasheet
60Kb / 4P
   Switching (30V, /-0.5A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com