Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBS-27 Datasheet(PDF) 1 Page - Richco, Inc.

Part # RBS-27
Description  RICHCO BUMPERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

RBS-27 Datasheet(HTML) 1 Page - Richco, Inc.

  RBS-27 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-
SEE ENGINEERING FOR REV. A-N
-
----
O
COMPLETELY REDRAWN, SEE ECN #834
SM
08/12/04
P
SEE ECN #906 FOR CHANGES
SM
01/06/05
Q
SEE ECN #1024 FOR CHANGES
SK
07/13/05
R
SEE ECN #1064 FOR CHANGES
SK
09/30/05
S
SEE ECN #1174 FOR CHANGES
SK
05/18/06
T
SEE ECN #1200 FOR CHANGES
SK
07/21/06
U
SEE ECN #1344 FOR CHANGES
SK
07/12/07
V
SEE ECN #1346 FOR CHANGES
SK
07/24/07
TYPE 1.
"W"
"H"
"W"
"H"
TYPE 2.
"W"
"H"
TYPE 3.
"W"
"H"
TYPE 4.
"W"
"H"
TYPE 5.
"W"
"H"
TYPE 6.
"W"
"H"
TYPE 7.
"W"
"H"
TYPE 8.
"W"
"H"
NOTES:
1. MATERIAL: POLYURETHANE (RMS-64),
60-70 DUROMETER, SHORE A.
2. STANDARD COLOR: CLEAR AND BLACK:
TO ORDER BLACK ADD "-BK" TO PART NO.
BROWN "-BN", WHITE "-WH", OR GRAY "-GY"
AVAILABLE BY SPECIAL ORDER ONLY.
PART NO. RBS-33-SD AND RBS-10 AVAILABLE IN CLEAR ONLY.
3. ADHESIVE: RUBBER ( RMS-68).
4. LIGHTER BUMPER COLORS MAY SHOW SOME DARKENING
OR YELLOWING WHEN NOT STORED IN ORIGINAL UNOPENED CARTON.
*NON STAINING, NON MARRING.
*CRACK RESISTANT.
TYPE 9.
RE:
FILE #:
SHEET:
REV.
DESCRIPTION
ENGR.
DATE
TITLE:
PART #
DWN:
DT:
SHEET SIZE:
RICHCO, INC.
1 OF 1
RBS
B
RICHCO BUMPERS
APP:
CHKD:
RICHCO, INC.
(773) 539-4060
ENG@RICHCO-INC.COM
08/12/04
SM
RG
DJZ
FINAL
DWG IN
IN [MM]
SEE TABLE
PRINT
TYPE
A
C
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
ANG.=±1°
CREATED USING
SOLIDWORKS


Similar Part No. - RBS-27

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
RBS-27 RICHCO-RBS-27 Datasheet
33Kb / 1P
   MATERIAL: POLYURETHANE (RMS-64) 60-70 DUROMETER, SHORE A
More results

Similar Description - RBS-27

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SRWD-0820 RICHCO-SRWD-0820 Datasheet
79Kb / 1P
   SLOTTED RICHCO WIRING DUCT
logo
List of Unclassifed Man...
HTRTC-1 ETC2-HTRTC-1 Datasheet
54Kb / 1P
   HIGH TEMPERATURE RICHCO TRANSISTOR COVER
G1123 ETC2-G1123 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1418 ETC2-G1418 Datasheet
74Kb / 1P
   Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com