Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3159-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TS5A3159-Q1
Description  1-廓 SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3159-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A3159-Q1_14 Datasheet HTML 1Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 2Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 3Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 4Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 5Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 6Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 7Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 8Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TS5A3159-Q1
www.ti.com
SCDS336A – NOVEMBER 2012 – REVISED DECEMBER 2012
Electrical Characteristics for 3.3-V Supply (continued)
V+ = 3 V to 3.6 V and TA = −40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
25°C
3 V
1
21
29
VNC = VNO = V+ / 2,
CL = 35 pF,
tBBM
Break-before-make time
to
ns
RL = 50 Ω
See Figure 16
Full
1
3.6 V
QC
Charge injection
CL = 1 nF, VGEN = 0 V
See Figure 20
25°C
3.3 V
20
pC
CNC(OFF),
VNC or VNO = V+ or GND,
NC, NO OFF capacitance
See Figure 14
25°C
3.3 V
23
pF
CNO(OFF)
Switch OFF
CNC(ON),
VNC or VNO = V+ or GND,
NC, NO ON capacitance
See Figure 14
25°C
3.3 V
84
pF
CNO(ON)
Switch ON
VCOM = V+ or GND,
CCOM(ON) COM ON capacitance
See Figure 14
25°C
3.3 V
84
pF
Switch ON
CIN
Digital input capacitance
VIN = V+ or GND
See Figure 14
25°C
3.3 V
2.1
pF
RL = 50 Ω,
BW
Bandwidth
See Figure 17
25°C
3.3 V
100
MHz
Switch ON
RL = 50 Ω,
Switch OFF,
OISO
OFF isolation
25°C
3.3 V
–65
dB
f = 1 MHz
See Figure 18
RL = 50 Ω,
Switch ON,
XTALK
Crosstalk
25°C
3.3 V
–65
dB
f = 1 MHz
See Figure 19
f = 600 Hz to 20
RL = 600 Ω,
THD
Total harmonic distortion
kHz,
25°C
3.3 V
0.015
%
CL = 50 pF
See Figure 21
Supply
25°C
0.1
Switch ON or
I+
Positive supply current
VIN = V+ or GND
3.6 V
μA
OFF
Full
0.5
Electrical Characteristics for 2.5-V Supply
V+ = 2.3 V to 2.7 V and TA = −40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO,VNC
25°C
1.7
2.9
0
≤ VNO or VNC ≤ V+,
Switch ON,
rpeak
Peak ON-state resistance
2.5 V
ICOM = −8 mA
See Figure 11
Full
2.9
25°C
1.45
2.3
VNO or VNC = 1.8 V,
Switch ON,
ron
ON-state resistance
2.5 V
ICOM = −8 mA
See Figure 11
Full
2.3
ON-state resistance match
VNO or VNC = 0.8 V, 1.8 V,
Switch ON,
∆ron
25°C
2.5 V
0.7
between channels
ICOM = −8 mA
See Figure 11
0
≤ VNO or VNC ≤ V+,
25°C
0.5
ICOM = −8 mA
Switch ON,
ron(flat)
ON-state resistance flatness
2.5 V
See Figure 11
VNO or VNC = 0.8 V, 1.8 V,
25°C
0.45
ICOM = −8 mA
INC(OFF),
NC, NO
VNC or VNO = 2.3 V,
Switch OFF,
25°C
2.7 V
0.2
nA
INO(OFF)
Off leakage current
VCOM = 0
See Figure 12
INC(ON),
NC, NO
VNC or VNO = 2.3 V,
Switch ON,
25°C
2.7 V
2.8
nA
INO(ON)
On leakage current
VCOM = Open
See Figure 13
VNC or VNO = 2.3 V or
COM
Switch ON,
ICOM(ON)
Open,
25°C
2.7 V
0.47
nA
On leakage current
See Figure 13
VCOM = 2.3 V
Digital Inputs (IN)
VIH
Input logic high
Full
1.8
5.5
V
VIL
Input logic low
Full
0
0.6
V
IIH, IIL
Input leakage current
VIN = 5.5 V or 0
Full
2.7 V
−1
1
µA
(1)
TA = 25°C
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS5A3159-Q1


Similar Part No. - TS5A3159-Q1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results

Similar Description - TS5A3159-Q1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159_15 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com