Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U13 Datasheet(PDF) 5 Page - C&K Components

Part # U13
Description  Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

U13 Datasheet(HTML) 5 Page - C&K Components

  U13 Datasheet HTML 1Page - C&K Components U13 Datasheet HTML 2Page - C&K Components U13 Datasheet HTML 3Page - C&K Components U13 Datasheet HTML 4Page - C&K Components U13 Datasheet HTML 5Page - C&K Components U13 Datasheet HTML 6Page - C&K Components U13 Datasheet HTML 7Page - C&K Components U13 Datasheet HTML 8Page - C&K Components U13 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
7000 Series
Miniature Rocker & Lever Handle Switches
ACTUATOR–SNAP-IN FRONT MOUNT
PANEL MOUNTING
J50 Actuator
*
J15, J16, J25 & J26 Actuators
J15
ROCKER, SNAP-IN
J16
ROCKER WITH FRAME, SNAP-IN
J25
LEVER, SNAP-IN
J26
LEVER WITH FRAME, SNAP-IN
J50
ROCKER, SNAP-IN
Finish: Matte. Other colors, custom actuator
markings and legends available, consult
Customer Service Center.
NOTE: Actuators & frames available
separately, see pages G-22 and G-25. J15,
J16, J25, J26, J50 & J51 Actuators available
with 71XX, 72XX, U1XX & U2XX models
and C, W-W5, Z and Z3 terminations.
* For J50: Increase this dimension to .620/.625
(15,75/15,88) for .091/.125 (2,31/3,18) thk. panels.
No frame color choice required
No frame color choice required
No frame color choice required
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
2
BLACK
NONE
No Frame Color
(J15 or J25options)
1
WHITE
FRAME COLOR
OPTION
CODE
ACTUATOR COLOR
FRAME COLOR
ACTUATOR
G–8
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
G


Similar Part No. - U13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U13 ETC2-U13 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U13 ETC2-U13 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
U130 ETC2-U130 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U130 ETC2-U130 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Intel Corporation
U1300 INTEL-U1300 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
More results

Similar Description - U13

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1ZQE CK-COMPONENTS-7201J1ZQE Datasheet
1Mb / 22P
   7000 Series Miniature Rocker Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com