Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

364093 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 364093
Description  1,27 DRC Adapterstuck BTB 38mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

364093 Datasheet(HTML) 1 Page - ERNI Electronics

  364093 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-tray packaging
Verpackungseinheit 32 Stück
-packaging unit 32
Verpackt in Tray
X
342 max.
Index
Date
E01
26.06.2008
prior notice.
contact one of the ERNI companies
DRCBTB
26-polig
1,27 DRC Adapterstück BTB 38mm
364093
3:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
19,26
18,46
1,27
17,46
12 x 1,27 = 15,24
5
4,2
ohne Verriegelung
without interlocking
mit Verriegelung
with interlocking
Adapterstück für board-to-board Abstand von 38mm (beidseitig verbaut mit Federleiste: 154806, Low Profile)
Adapter for board-to-board height 38mm (in combination with two female connectors: 154806, low profile)
Einzelheit X (M 2:1)
detail X


Similar Part No. - 364093

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
36409 ETC2-36409 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
ERNI Electronics
364090 ERNI-364090 Datasheet
41Kb / 1P
   1,27 DRC Adapterst체ck BTB 32mm 26-polig
364091 ERNI-364091 Datasheet
42Kb / 1P
   1,27 DRC Adapterst체ck BTB 34mm 26-polig
364092 ERNI-364092 Datasheet
42Kb / 1P
   1,27 DRC Adapterst체ck BTB 36mm 26-polig
364094 ERNI-364094 Datasheet
37Kb / 1P
   1,27 DRC Adapterst체ck BTB 20mm 12-polig
More results

Similar Description - 364093

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
354316 ERNI-354316 Datasheet
52Kb / 1P
   1,27 DRC Adapterstuck BTB 38mm 50-polig
364103 ERNI-364103 Datasheet
37Kb / 1P
   1,27 DRC Adapterstuck BTB 38mm 12-polig
364097 ERNI-364097 Datasheet
37Kb / 1P
   1,27 DRC Adapterstuck BTB 26mm
364721 ERNI-364721 Datasheet
57Kb / 1P
   1,27 DRC Adapterstuck BTB 32mm
354315 ERNI-354315 Datasheet
50Kb / 1P
   1,27 DRC Adapterstuck BTB 36mm
100803440002 ERNI-100803440002 Datasheet
38Kb / 1P
   1,27 DRC Adapterstuck BTB 28mm
100303210030 ERNI-100303210030 Datasheet
88Kb / 1P
   1,27 DRC Adapterst체ck BTB 38mm
354310 ERNI-354310 Datasheet
50Kb / 1P
   1,27 DRC Adapterstuck BTB 26mm
364089 ERNI-364089 Datasheet
42Kb / 1P
   1,27 DRC Adapterstuck BTB 30mm
364101 ERNI-364101 Datasheet
37Kb / 1P
   1,27 DRC Adapterstuck BTB 34mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com