Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4008V8 Datasheet(PDF) 7 Page - Littelfuse

Part # L4008V8
Description  Sensitive Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4008V8 Datasheet(HTML) 7 Page - Littelfuse

  L4008V8 Datasheet HTML 1Page - Littelfuse L4008V8 Datasheet HTML 2Page - Littelfuse L4008V8 Datasheet HTML 3Page - Littelfuse L4008V8 Datasheet HTML 4Page - Littelfuse L4008V8 Datasheet HTML 5Page - Littelfuse L4008V8 Datasheet HTML 6Page - Littelfuse L4008V8 Datasheet HTML 7Page - Littelfuse L4008V8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheets
Sensitive Triacs
©2004 Littelfuse, Inc.
E1 - 7
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E1.3 Maximum Allowable Case Temperature versus
On-state Current (4 A, 6 A, and 8 A)
Figure E1.4 On-state Current versus On-state Voltage (Typical)
Figure E1.5 Normalized DC Holding Current versus Case Temperature
Figure E1.6 Normalized DC Gate Trigger Voltage for All Quadrants
versus Case Temperature
Figure E1.7 Normalized DC Gate Trigger Current for All Quadrants
versus Case Temperature
Figure E1.8 Turn-on Time versus Gate Trigger Current (Typical)
01
2
3
4
5
6
7
8
60
65
70
75
80
85
90
95
100
105
110
RMS On-State Current [IT(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawings
4 A TYPE 1 and 3 TO-202
4 A TO-220 (Isolated)
4 A TO-252
8 A
TO-220
(Isolated)
6 A
TO-220
(Isolated)
4 A TYPE 2 and 4 TO-202
4 A TO-251
8 A
TO-251
and
TO-252
6 A TO-251
6 A TO-252
0
0.5
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
14
16
18
20
Positive or Negative Instantaneous
On-state Voltage (vT) - Volts
1 A
4 A
6 A and 8 A
T
C = 25 ˚ C
0.8 A
-40
-15
+25
+65
+110 +125
0
1.0
2.0
3.0
4.0
-65
Case Temperature (TC) - ˚C
INITIAL ON-STATE CURRENT
= 100 mA (DC) 0.8 - 4 A Devices
= 200 mA (DC) 6 - 8 A Devices
-65
-40
-15
+65
+110 +125
+25
0
.5
1.0
1.5
2.0
Case Temperature (TC) - ˚ C
-65
-40
-15
+65
+110 +125
+25
0
1.0
2.0
3.0
4.0
Case Temperature (TC) - ˚C
12
3
4
6
5
8
10
20
30
40
60
80 100
I
GT
= 5 mA MAX
I
GT
= 10 mA MAX
I
GT
= 20 mA
MAX
I
GT
= 3 mA MAX
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
DC Gate Trigger Current (IGT) - mA
TC = 25 ˚C


Similar Part No. - L4008V8

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L4008V8 TECCOR-L4008V8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L4008V8 LITTELFUSE-L4008V8 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L4008V8 TECCOR-L4008V8 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L4008V8 LITTELFUSE-L4008V8 Datasheet
176Kb / 8P
   RoHS Compliant
L4008V856 LITTELFUSE-L4008V856 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
More results

Similar Description - L4008V8

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com