Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOS-100 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # NOS-100
Description  NON/NOS, 600/250Vac Class K5 H
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

NOS-100 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  NOS-100 Datasheet HTML 1Page - Cooper Bussmann, Inc. NOS-100 Datasheet HTML 2Page - Cooper Bussmann, Inc. NOS-100 Datasheet HTML 3Page - Cooper Bussmann, Inc. NOS-100 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0713
BU-SB13738
Page 1 of 4
Data Sheet # 1030
NON/NOS, 600/250Vac Class K5 & H
NON (250V) 18-600A, General Purpose Fuses
Description: Basic protection 250V NON Class K5 and H
general purpose, non-current-limiting, one-time fuses.
Catalog Symbol: NON-(amp)
Ratings:
Volts — 250Vac
— 125Vdc (18-100A)
Amps — 18-600A
IR — 50kA Vac RMS Sym. (18-60A)
— 10kA Vac RMS Sym. (65-600A)
— 50kA Vdc (18-60A)
— 10kA Vdc (65-100A)
Agency Information:
CE, UL Listed, Class K5 (18-60A), Std. 248-9,
Class H (65-600A), Std. 248-6 (125Vdc 18-100A),
UL Guide JDDZ, File E4274
CSA Certified, Class 1421-01, File 53787 (18-12A, 65-600A)
† For CSA Certified 15-60A, see PON Data Sheet # 4126.
Catalog Numbers (amps)
NON-18
NON-3
NON-12
NON-65
NON-200
NON-12
NON-3210
NON-15
NON-70
NON-225
NON-34
NON-4
NON-20
NON-75
NON-250
NON-810
NON-5
NON-25
NON-80
NON-300
NON-1
NON-6
NON-30
NON-90
NON-350
NON-114
NON-614
NON-35
NON-100
NON-400
NON-112
NON-7
NON-40
NON-110
NON-450
NON-1610
NON-8
NON-45
NON-125
NON-500
NON-2
NON-9
NON-50
NON-150
NON-600
NON-212
NON-10
NON-60
NON-175
Carton Quantity and Weight
Amp Rating
Carton Qty.
1
8-30
10
35–60
10
65–100
5
110–200
1
225–400
1
450–600
1
Dimensions – in
Features:
• Protect lighting, heating and other circuits not subject to temporary
surges and where available short-circuit currents are relatively low
• NON one-time fuses do not have any appreciable degree of time-
delay and thus should
not be specified in circuits where large
transients or motor overloads occur. Use Bussmann advanced
protection FUSETRON™ FRN-R or ultimate protection Low-Peak™
LPN-RK dual-element, time-delay fuses.
• For general purpose circuits, size at amp rating of circuit
• For motor circuits, size at 300% to 400% according to the NEC®
motor ampacity tables 430.247 to 430.250, per 430.6(A)(1)
Recommended Fuse Blocks
Fuse Amps
1-Pole
2-Pole
3-Pole
0-30
H25030-1
H25030-2
H25030-3
35-60
H25060-1
H25060-2
H25060-3
70-100
HM25100-1CR
HM25100-2CR
HM25100-3CR
110-200
HM25200-1CR
HM25200-2CR
HM25200-3CR
225-400
HM25400-1CR
HM25400-2CR
HM25400-3CR
450-600
HM25600-1CR
HM25600-2CR
HM25600-3CR
For additional information on 250 volt fuse blocks, see Data
Sheet # 1112 (H250) and product brochure # 3192 (HM Se-
ries).
Fuse Reducers For Class R Fuses
Equipment
Desired Fuse
Catalog Numbers
Fuse Clips
(Case) Size
(Pairs) 250V
60A
30A
NO.263
100A
30A
NO.213
60A
NO.216
200A
60A
NO.226
200A
100A
NO.2621
400A
100A
NO.2641
200A
NO.2642
For additional information on Class K5 & H fuse reducers, see
Data Sheet # 1118.
0.56" (± 0.008)
2"
(0.031)
0.81" (± 0.008)
3"
(0.031)
1.06"
5.88" (± 0.062)
1/8 to 30A
35 to 60A
70 to 100A
All Diameters ± 0.008
2.06"
2.59"
8.63" (± 0.094)
10.38" ( 0.094)
225 to 400A
450 to 600A
1.56"
7.13" (± 0.062)
110 to 200A


Similar Part No. - NOS-100

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
NOS-100 EATON-NOS-100 Datasheet
989Kb / 4P
   250 V NON/600 V NOS Class K5 and H fuses
More results

Similar Description - NOS-100

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
NOS EATON-NOS Datasheet
989Kb / 4P
   250 V NON/600 V NOS Class K5 and H fuses
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
NLN LITTELFUSE-NLN Datasheet
465Kb / 2P
   NLN/NLS Class K5 Fuses
NLN LITTELFUSE-NLN_V01 Datasheet
206Kb / 2P
   CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
   Class K5 ??NLN/NLS Series (one-time) fuses
logo
Marathon Special Produc...
R6F30AXB MARATHON-R6F30AXB Datasheet
76Kb / 2P
   Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXS MARATHON-R6F30AXS Datasheet
89Kb / 2P
   Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXSP MARATHON-R6F30AXSP Datasheet
99Kb / 2P
   Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com