Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR333-1-124 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR333-1-124
Description  SMD INDUCTOR DR333-1 SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR333-1-124 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR333-1-124 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 3, 2011
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
3.5
1.6
0.8
1.6
PCB PAD LAYOUT (REF.)
3.0 ± 0.3
3.5 ± 0.3
XXX
2.0 ± 0.3
TOP VIEW
SIDE VIEW
BOTTOM VIEW
SMD INDUCTOR DR333-1 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 1.0µH to 330µH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 7)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance (
H)
DCR
(
) Max.
I rated
(A) Max.
DR333-1-102
1.0
 20%
@ 7.96MHz, 0.25V
0.045
2.20
DR333-1-122
1.2
 20%
@ 7.96MHz, 0.25V
0.050
2.10
DR333-1-152
1.5
 20%
@ 7.96MHz, 0.25V
0.055
1.70
DR333-1-182
1.8
 20%
@ 7.96MHz, 0.25V
0.070
1.65
DR333-1-222
2.2
 20%
@ 7.96MHz, 0.25V
0.085
1.60
DR333-1-272
2.7
 20%
@ 7.96MHz, 0.25V
0.100
1.40
DR333-1-332
3.3
 20%
@ 7.96MHz, 0.25V
0.120
1.04
DR333-1-392
3.9
 20%
@ 7.96MHz, 0.25V
0.125
1.00
DR333-1-472
4.7
 20%
@ 7.96MHz, 0.25V
0.135
1.00
DR333-1-562
5.6
 20%
@ 7.96MHz, 0.25V
0.145
0.95
DR333-1-682
6.8
 20%
@ 7.96MHz, 0.25V
0.20
0.95
DR333-1-822
8.2
 20%
@ 7.96MHz, 0.25V
0.25
0.92
DR333-1-103
10.0
 20%
@ 2.52MHz, 0.25V
0.32
0.90
DR333-1-123
12.0
 20%
@ 2.52MHz, 0.25V
0.35
0.85
DR333-1-153
15.0
 20%
@ 2.52MHz, 0.25V
0.46
0.75
DR333-1-183
18.0
 20%
@ 2.52MHz, 0.25V
0.52
0.70
DR333-1-223
22.0
 10%
@ 2.52MHz, 0.25V
0.65
0.60
DR333-1-273
27.0
 10%
@ 2.52MHz, 0.25V
0.75
0.55
DR333-1-333
33.0
 10%
@ 2.52MHz, 0.25V
0.92
0.50
DR333-1-393
39.0
 10%
@ 2.52MHz, 0.25V
1.12
0.48
DR333-1-473
47.0
 10%
@ 2.52MHz, 0.25V
1.27
0.45
DR333-1-563
56.0
 10%
@ 2.52MHz, 0.25V
1.50
0.30
DR333-1-683
68.0
 10%
@ 2.52MHz, 0.25V
2.00
0.26
DR333-1-823
82.0
 10%
@ 2.52MHz, 0.25V
2.15
0.23
DR333-1-104
100.0
 10%
@ 1kHz, 0.25V
2.80
0.20
DR333-1-124
120.0
 10%
@ 1kHz, 0.25V
3.40
0.18
DR333-1-154
150.0
 10%
@ 1kHz, 0.25V
4.20
0.16
DR333-1-184
180.0
 10%
@ 1kHz, 0.25V
4.50
0.15
DR333-1-224
220.0
 10%
@ 1kHz, 0.25V
5.70
0.14
DR333-1-274
270.0
 10%
@ 1kHz, 0.25V
8.50
0.10
DR333-1-334
330.0
 10%
@ 1kHz, 0.25V
9.50
0.09
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeters “mm” [inches “in”].
2.
General tolerance
0.25mm [0.010 in.], unless otherwise specified.
3.
Irated for an approximate 40°C temperature rise for 20% drop
maximum of the nominal value.
4.
Tape and reel quantity, 2000 pcs/reel
5.
Terminal finish is compliant to RoHS requirements
6.
Solder in accordance with J-STD-002 Rev. D
7.
Non-RoHS series parts 42-333-1-XXX are finished with
leaded solder Sn60Pb40 or equivalent


Similar Part No. - DR333-1-124

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR333-1-124 DATATRONICS-DR333-1-124 Datasheet
125Kb / 1P
   SMD INDUCTOR
More results

Similar Description - DR333-1-124

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR333 DATATRONICS-DR333_14 Datasheet
122Kb / 1P
   SMD INDUCTOR DR333 SERIES
DR331-1 DATATRONICS-DR331-1_14 Datasheet
71Kb / 1P
   SMD INDUCTOR DR331-1 SERIES
DR365-1 DATATRONICS-DR365-1_14 Datasheet
74Kb / 1P
   SMD INDUCTOR DR365-1 SERIES
DR353-1 DATATRONICS-DR353-1_14 Datasheet
88Kb / 2P
   SMD INDUCTOR DR353-1 SERIES
DR337-1 DATATRONICS-DR337-1_14 Datasheet
104Kb / 1P
   SMD INDUCTOR DR337-1 SERIES
DR354-1 DATATRONICS-DR354-1_14 Datasheet
160Kb / 2P
   SMD INDUCTOR DR354-1 SERIES
DR355-1 DATATRONICS-DR355-1_14 Datasheet
73Kb / 1P
   SMD INDUCTOR DR355-1 SERIES
DR352-1 DATATRONICS-DR352-1_14 Datasheet
79Kb / 1P
   SMD INDUCTOR DR352-1 SERIES
DR349-1 DATATRONICS-DR349-1_14 Datasheet
83Kb / 2P
   SMD INDUCTOR DR349-1 SERIES
DR358-1 DATATRONICS-DR358-1_14 Datasheet
104Kb / 1P
   SHIELDED SMD INDUCTOR DR358-1 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com