Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6384D013TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6384D013TR
Description  HIGH-VOLTAGE HALF BRIDGE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384D013TR Datasheet(HTML) 4 Page - STMicroelectronics

  L6384D013TR Datasheet HTML 1Page - STMicroelectronics L6384D013TR Datasheet HTML 2Page - STMicroelectronics L6384D013TR Datasheet HTML 3Page - STMicroelectronics L6384D013TR Datasheet HTML 4Page - STMicroelectronics L6384D013TR Datasheet HTML 5Page - STMicroelectronics L6384D013TR Datasheet HTML 6Page - STMicroelectronics L6384D013TR Datasheet HTML 7Page - STMicroelectronics L6384D013TR Datasheet HTML 8Page - STMicroelectronics L6384D013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IN
SD
HVG
LVG
D99IN1017
Figure 1. Input/Output Timing Diagram
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vcchys
2
Vcc UV Hysteresis
2
V
Iqccu
2
Undervoltage Quiescent Supply Current
Vcc
≤ 11V
150
µA
Iqcc
2
Quiescent Current
Vin = 0
380
500
µA
Bootstrapped supply Voltage Section
Vboot
8
Bootstrap Supply Voltage
17
V
IQBS
Quiescent Current
Vout = Vboot; IN = HIGH
200
µA
ILK
High Voltage Leakage Current
VHVG = Vout = Vboot =
600V
10
µA
Rdson
Bootstrap Driver on Resistance (*)
Vcc
≥ 12.5V; IN = LOW
125
High/Low Side Driver
Iso
5,7
Source Short Circuit Current
VIN = Vih (tp < 10
µs)
300
400
mA
Isi
Sink Short Circuit Current
VIN = Vil (tp < 10
µs)
500
650
mA
Logic Inputs
Vil
2,3
Low Level Logic Threshold Voltage
1.5
V
Vih
High Level Logic Threshold Voltage
3.6
V
Iih
High Level Logic Input Current
VIN = 15V
50
70
µA
Iil
Low Level Logic Input Current
VIN = 0V
1
µA
Iref
3
Dead Time Setting Current
28
µA
dt
3 vs
5,7
Dead Time Setting Range (**)
Rdt = 47k
Rdt = 146
Rdt = 270k
0.4
0.5
1.5
2.7
3.1
µs
µs
µs
Vdt
3
Shutdown Threshold
0.5
V
(*) RDSON is tested in the following way: RDSON
=
(VCC − VCBOOT1) − (VCC − VCBOOT2)
I1
(VCC,VCBOOT1) − I2(VCC,VCBOOT2)
where I1 is pin 8 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2
(**) Pin 3 is a high impedence pin. Therefore dt can be set also forcing a certain voltage V3 on this pin. The dead time is the same obtained
with a Rdt if it is: Rdt
⋅ Iref = V3.
DC Operation (continued)
L6384
4/10


Similar Part No. - L6384D013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6384D STMICROELECTRONICS-L6384D Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
More results

Similar Description - L6384D013TR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63991FP MITSUBISHI-M63991FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104_15 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com