Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2004F51TP Datasheet(PDF) 4 Page - Littelfuse

Part # L2004F51TP
Description  Sensitive Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L2004F51TP Datasheet(HTML) 4 Page - Littelfuse

  L2004F51TP Datasheet HTML 1Page - Littelfuse L2004F51TP Datasheet HTML 2Page - Littelfuse L2004F51TP Datasheet HTML 3Page - Littelfuse L2004F51TP Datasheet HTML 4Page - Littelfuse L2004F51TP Datasheet HTML 5Page - Littelfuse L2004F51TP Datasheet HTML 6Page - Littelfuse L2004F51TP Datasheet HTML 7Page - Littelfuse L2004F51TP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Sensitive Triacs
Data Sheets
http://www.littelfuse.com
E1 - 4
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Specified Test Conditions
di/dt — Maximum rate-of-change of on-state current; IGT = 50 mA with
0.1 µs rise time
dv/dt — Critical rate-of-rise of off-state voltage at rated VDRM gate open
dv/dt(c) — Critical rate-of-rise of commutation voltage at rated VDRM
and IT(RMS) commutating di/dt = 0.54 rated IT(RMS)/ms; gate
unenergized
I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms
for fusing
IDRM — Peak off-state current, gate open; VDRM = max rated value
IGT — DC gate trigger current in specific operating quadrants;
VD = 12 V dc; RL = 60 Ω
IGTM — Peak gate trigger current
IH — Holding current gate open; initial on-state current = 100 mA dc
IT(RMS) — RMS on-state current conduction angle of 360°
ITSM — Peak one-cycle surge
PG(AV) — Average gate power dissipation
PGM — Peak gate power dissipation; IGT ≤ IGTM
tgt — Gate controlled turn-on time; IGT = 50 mA with 0.1 µs rise time
VDRM — Repetitive peak off-state/blocking voltage
VGT — DC gate trigger voltage; VD = 12 V dc; RL = 60 Ω
VTM — Peak on-state voltage at max rated RMS current
General Notes
All measurements are made with 60 Hz resistive load and at an
ambient temperature of +25
°C unless otherwise specified.
Operating temperature range (TJ) is -65 °C to +110 °C for TO-92
devices and -40
°C to +110 °C for all other devices.
Storage temperature range (TS) is -65 °C to +150 °C for TO-92
devices, -40
°C to +150 °C for TO-202 devices, and -40 °C to
+125
°C for TO-220 devices.
Lead solder temperature is a maximum of 230
°C for 10 seconds
maximum at a minimum of 1/16” (1.59 mm) from case.
The case or lead temperature (TC or TL) is measured as shown on
dimensional outline drawings. See “Package Dimensions” section
of this catalog.
IT(RMS)
Part No.
VDRM
IGT
IDRM
Isolated
Non-isolated
(11)
TO-220
TO-252
D-Pak
TO-251
V-Pak
(1)
Volts
(3) (6)
mAmps
(1) (14)
mAmps
QI
QII
QIII
QIV
TC = 25 °C TC = 110 °C
MAX
See “Package Dimensions” section for variations. (12)
MIN
MAX
MAX
6A
L2006L5
L2006D5
L2006V5
200
5555
0.02
0.5
L4006L5
L4006D5
L4006V5
400
5555
0.02
0.5
L6006L5
L6006D5
L6006V5
600
5555
0.02
0.5
L2006L6
L2006D6
L2006V6
200
5
5
5
10
0.02
0.5
L4006L6
L4006D6
L4006V6
400
5
5
5
10
0.02
0.5
L6006L6
L6006D6
L6006V6
600
5
5
5
10
0.02
0.5
L2006L8
L2006D8
L2006V8
200
10
10
10
20
0.02
0.5
L4006L8
L4006D8
L4006V8
400
10
10
10
20
0.02
0.5
L6006L8
L6006D8
L6006V8
600
10
10
10
20
0.02
0.5
8A
L2008L6
L2008D6
L2008V6
200
5
5
5
10
0.02
0.5
L4008L6
L4008D6
L4008V6
400
5
5
5
10
0.02
0.5
L6008L6
L6008D6
L6008V6
600
5
5
5
10
0.02
0.5
L2008L8
L2008D8
L2008V8
200
10
10
10
20
0.02
0.5
L4008L8
L4008D8
L4008V8
400
10
10
10
20
0.02
0.5
L6008L8
L6008D8
L6008V8
600
10
10
10
20
0.02
0.5
MT1
MT2
G
MT2
MT2
MT1
G
MT2
MT2
G
MT1


Similar Part No. - L2004F51TP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L2004F51 TECCOR-L2004F51 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L2004F51 LITTELFUSE-L2004F51 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L2004F51 TECCOR-L2004F51 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L2004F51 LITTELFUSE-L2004F51 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L2004F51TP

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com