Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1018IDGST Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1018IDGST
Description  Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1018IDGST Datasheet(HTML) 5 Page - Texas Instruments

  ADS1018IDGST Datasheet HTML 1Page - Texas Instruments ADS1018IDGST Datasheet HTML 2Page - Texas Instruments ADS1018IDGST Datasheet HTML 3Page - Texas Instruments ADS1018IDGST Datasheet HTML 4Page - Texas Instruments ADS1018IDGST Datasheet HTML 5Page - Texas Instruments ADS1018IDGST Datasheet HTML 6Page - Texas Instruments ADS1018IDGST Datasheet HTML 7Page - Texas Instruments ADS1018IDGST Datasheet HTML 8Page - Texas Instruments ADS1018IDGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
SCLK
CS
DIN
DOUT
t
SCLK
t
CSSC
t
SPWH
t
DIHD
t
SPWL
t
CSDOZ
t
DOHD
t
DOPD
t
SCCS
t
SCSC
t
CSH
t
CSDOD
t
DIST
Hi-Z
Hi-Z
ADS1018
www.ti.com
SBAS526B – NOVEMBER 2012 – REVISED OCTOBER 2013
PARAMETER MEASUREMENT INFORMATION
SPI TIMING CHARACTERISTICS
Figure 1. Serial Interface Timing
TIMING REQUIREMENTS: SERIAL INTERFACE TIMING(1)
PARAMETER
MIN
MAX
UNIT
tCSSC
CS low to first SCLK: setup time(2)
100
ns
tSCLK
SCLK period
250
ns
tSPWH
SCLK pulse width: high
100
ns
100
ns
tSPWL
SCLK pulse width: low(3)
28
ms
tDIST
Valid DIN to SCLK falling edge: setup time
50
ns
tDIHD
Valid DIN to SCLK falling edge: hold time
50
ns
tDOPD
SCLK rising edge to valid new DOUT: propagation delay(4)
50
ns
tDOHD
SCLK rising edge to DOUT invalid: hold time
0
ns
tCSDOD
CS low to DOUT driven: propagation delay
100
ns
tCSDOZ
CS high to DOUT Hi-Z: propagation delay
100
ns
tCSH
CS high pulse
200
ns
tSCCS
Final SCLK falling edge to CS high
100
ns
(1)
At TA = –40°C to +125°C and VDD = 2.0 V to 5.5 V, unless otherwise noted.
(2)
CS can be tied low.
(3)
Holding SCLK low longer than 28 ms resets the SPI interface.
(4)
DOUT load = 20 pF || 100 k
Ω to GND.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS1018


Similar Part No. - ADS1018IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1018IDGST TI1-ADS1018IDGST Datasheet
1Mb / 41P
[Old version datasheet]   Analog-to-Digital Converter Internal Reference and Temperature Sensor
More results

Similar Description - ADS1018IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com