Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1247IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1247IPW
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1247IPW Datasheet(HTML) 3 Page - Texas Instruments

  ADS1247IPW Datasheet HTML 1Page - Texas Instruments ADS1247IPW Datasheet HTML 2Page - Texas Instruments ADS1247IPW Datasheet HTML 3Page - Texas Instruments ADS1247IPW Datasheet HTML 4Page - Texas Instruments ADS1247IPW Datasheet HTML 5Page - Texas Instruments ADS1247IPW Datasheet HTML 6Page - Texas Instruments ADS1247IPW Datasheet HTML 7Page - Texas Instruments ADS1247IPW Datasheet HTML 8Page - Texas Instruments ADS1247IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
(V )(Gain)
IN
2
AVSS
0.1V
+
+
AVDD
0.1V
-
-
(V )(Gain)
IN
2
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426G
– AUGUST 2008 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS
Minimum/maximum specifications apply from
–40°C to +105°C. Typical specifications are at +25°C. All specifications at
AVDD = +5V, DVDD = +3.3V, AVSS = 0V, VREF = +2.048V, and oscillator frequency = 4.096MHz, unless otherwise noted.
ADS1246, ADS1247, ADS1248
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage
±VREF/PGA
(1)
V
(VIN = ADCINP – ADCINN)
Common-mode input range
V
Differential input current
100
pA
Absolute input current
See Table 7
PGA gain settings
1, 2, 4, 8, 16, 32, 64, 128
Burnout current source
0.5, 2, or 10
μA
Bias voltage
(AVDD + AVSS)/2
V
Bias voltage output impedance
400
SYSTEM PERFORMANCE
Resolution
No missing codes
24
Bits
Data rate
5, 10, 20, 40, 80, 160, 320, 640, 1000, 2000
SPS
Differential input, end point fit, PGA = 1
Integral nonlinearity (INL)
6
15
ppm
VCM = 2.5V
Offset error
After calibration(2)
–15
15
μV
Offset drift
See Figure 11 to Figure 14
nV/
°C
T = +25
°C, all PGAs,
Gain error
–0.02
±0.005
0.02
%
data rate = 40, 80, or 160SPS
Gain drift
See Figure 19 to Figure 22
ppm/
°C
ADC conversion time
Single-cycle settling
Noise
See Table 1 to Table 4
Normal-mode rejection
See Table 9
At dc, PGA = 1
80
90
dB
Common-mode rejection
At dc, PGA = 32
90
125
dB
AVDD/DVDD at dc, PGA = 32,
Power-supply rejection
100
135
dB
data rate = 80SPS
VOLTAGE REFERENCE INPUT
Voltage reference input
0.5
(AVDD
– AVSS) – 1
V
(VREF = VREFP – VREFN)
Negative reference input (REFN)
AVSS
– 0.1
REFP
– 0.5
V
Positive reference input (REFP)
REFN + 0.5
AVDD + 0.1
V
Reference input current
30
nA
ON-CHIP VOLTAGE REFERENCE
Output voltage
2.038
2.048
2.058
V
Output current(3)
±10
mA
Load regulation
50
μV/mA
TA = +25°C to +105°C
2
10
ppm/
°C
Drift(4)
TA = –40°C to +105°C
6
15
ppm/
°C
Startup time
See Table 10
μs
(1)
For VREF > 2.7V, the analog input differential voltage should not exceed 2.7V/PGA.
(2)
Offset calibration on the order of noise.
(3)
Do not exceed this loading on the internal voltage reference.
(4)
Specified by the combination of design and final production test.
Copyright
© 2008–2011, Texas Instruments Incorporated
3


Similar Part No. - ADS1247IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1247IPW TI-ADS1247IPW Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1247IPW TI-ADS1247IPW Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1247IPW TI-ADS1247IPW Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1247IPW TI-ADS1247IPW Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1247IPWR TI-ADS1247IPWR Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Similar Description - ADS1247IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com