Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7863IRGETG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7863IRGETG4
Description  Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7863IRGETG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7863IRGETG4 Datasheet HTML 3Page - Texas Instruments ADS7863IRGETG4 Datasheet HTML 4Page - Texas Instruments ADS7863IRGETG4 Datasheet HTML 5Page - Texas Instruments ADS7863IRGETG4 Datasheet HTML 6Page - Texas Instruments ADS7863IRGETG4 Datasheet HTML 7Page - Texas Instruments ADS7863IRGETG4 Datasheet HTML 8Page - Texas Instruments ADS7863IRGETG4 Datasheet HTML 9Page - Texas Instruments ADS7863IRGETG4 Datasheet HTML 10Page - Texas Instruments ADS7863IRGETG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
R
=200W
SER
R
=50W
SW
CHXX+
R
=200W
SER
R
=50W
SW
CHXX-
C
=5pF
PAR
C
=5pF
PAR
C =2pF
S
C =2pF
S
CLOCK
CONVST
RD
SDI
BUSY
CS
S RIAL
E
D TA A
A
C1
C0
P1
P0
DP
N
AN
RP
S4
A2
A1
A0
D10
D11
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
D11
0
0
SERIAL
DATA B
D10
D11
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
D11
0
0
C1
C0
P1
t
CKH
t
CKL
t
11
t
10
t
1
t
6
t
7
t
5
t
3
t
12
t
8
t
9
t
2
t
4
t
ACQ
t
CONV
Conversion1
Conversion2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
ADS7863
www.ti.com
SBAS383E – JUNE 2007 – REVISED JANUARY 2011
Equivalent Input Circuit
TIMING CHARACTERISTICS
Figure 1. Detailed Timing Diagram (Mode I)
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS7863


Similar Part No. - ADS7863IRGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7863IRGETG4 TI-ADS7863IRGETG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IRGETG4 TI1-ADS7863IRGETG4 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
More results

Similar Description - ADS7863IRGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com