Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1293CISQNOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS1293CISQNOPB
Description  ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1293CISQNOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1293CISQNOPB Datasheet HTML 2Page - Texas Instruments ADS1293CISQNOPB Datasheet HTML 3Page - Texas Instruments ADS1293CISQNOPB Datasheet HTML 4Page - Texas Instruments ADS1293CISQNOPB Datasheet HTML 5Page - Texas Instruments ADS1293CISQNOPB Datasheet HTML 6Page - Texas Instruments ADS1293CISQNOPB Datasheet HTML 7Page - Texas Instruments ADS1293CISQNOPB Datasheet HTML 8Page - Texas Instruments ADS1293CISQNOPB Datasheet HTML 9Page - Texas Instruments ADS1293CISQNOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
ADS1293
SNAS602B – FEBRUARY 2013 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise noted, all limits are specified at TA = +25°C, +2.7V ≤ VDD ≤ +5.5V, +1.65V ≤ VDDIO ≤ MIN(+3.6V, VDD),
VREF = +2.4V, fOSC = 409.6kHz, 1µF low ESR capacitor between CVREF and GND, 0.1µF capacitor between RLDREF and
GND. Boldface limits apply for TMIN ≤ TA ≤ TMAX.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
ANALOG FRONT END
DIVR
Differential Input Voltage Range
–400
400
mV
Common-Mode Voltage Range for full
VDD –
CMVR
0.95
V
DIVR
0.95
VOS
Input-Referred Offset Voltage
±16
±87
µV
CMRR
Common-Mode Rejection Ratio
50 / 60Hz, VCMDC = RLDREF, VCMAC = 1.2VPP
100
dB
0.1 - 215Hz, low power mode
23
30.5
0.1 - 215Hz, high resolution mode
15
23.95
Input-Referred Voltage Noise for
Ve-ECG
µVPP
ECG(4)
0.1 - 40Hz, low power mode
10
23.1
0.1 - 40Hz, high resolution mode
7
10.3
1 - 1280Hz, high resolution mode, double pace data
Ve-PACE
Input-Referred Voltage Noise for Pace
0.4
mVPP
rate
0.1 - 215Hz, low power mode
240
315
Ne
Input-Referred Noise Density
nV/
√Hz
0.1 - 215Hz, high resolution mode
155
250
PSRR
Power Supply Rejection Ratio
50 / 60Hz
94
dB
XTLK
Crosstalk between channels
Crosstalk from driven channel to zero input channel
–105
dB
215Hz bandwidth, low power mode
17.4
17.8
bits
ENOB-
Effective Number of Bits for ECG
ECG
215Hz bandwidth, high resolution mode
17.8
18.4
bits
ENOB-
1280Hz bandwidth, high resolution mode, double
Effective Number of Bits for Pace
13.7
bits
PACE
pace data rate
RS-ECG
Sample Rate ECG Channel
25
6400
sps
See Table 5, Table 6, Table 7 and Table 8
RS-PACE
Sample Rate PACE Channel
3.2
25.6
ksps
TSKEW
Sample Time Skew Between Channels
Multichip simultaneous sampling architecture
0
µs
INTERNAL REFERENCE (REF)
Internal Reference Voltage
2.4
V
Internal Reference Accuracy
±0.5%
VREF
Internal Reference Drift
±11
ppm/°C
Internal Reference Start-up Time
5
ms
BATTERY MONITOR
Division
(VDD-VREF)/factor
3.246
V/V
Division Accuracy
±0.25%
TEST REFERENCE
(VREF-VSS)/factor
12
V/V
Division Accuracy
±0.1%
Current Consumption
3.5
μA
(4)
At least 1000 consecutive readings are used to calculate the peak-to-peak noise in production.
6
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS1293


Similar Part No. - ADS1293CISQNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1293CISQ TI-ADS1293CISQ Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQ TI1-ADS1293CISQ Datasheet
1Mb / 75P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQ TI1-ADS1293CISQ Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293CISQ/NOPB TI-ADS1293CISQ/NOPB Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQE TI1-ADS1293CISQE Datasheet
1Mb / 75P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
More results

Similar Description - ADS1293CISQNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1293 TI1-ADS1293_13 Datasheet
1Mb / 75P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI1-ADS1293 Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com