Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC558 Datasheet(PDF) 2 Page - General Semiconductor

Part # BC558
Description  Small Signal Transistors (PNP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC558 Datasheet(HTML) 2 Page - General Semiconductor

  BC558 Datasheet HTML 1Page - General Semiconductor BC558 Datasheet HTML 2Page - General Semiconductor BC558 Datasheet HTML 3Page - General Semiconductor BC558 Datasheet HTML 4Page - General Semiconductor BC558 Datasheet HTML 5Page - General Semiconductor BC558 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
BC556 THRU BC559
Symbol
Min.
Typ.
Max.
Unit
h-Parameters
at –VCE = 5 V, –IC = 2 mA, f = 1 kHz
Current Gain
Current Gain Group A
B
C
Input Impedance
Current Gain Group A
B
C
Output Admittance
Current Gain Group A
B
C
Reverse Voltage Transfer Ratio
Current Gain Group A
B
C
hfe
hfe
hfe
hie
hie
hie
hoe
hoe
hoe
hre
hre
hre
1.6
3.2
6
220
330
600
2.7
4.5
8.7
18
30
60
1.5 · 10–4
2 · 10–4
3 · 10–4
4.5
8.5
15
30
60
110
k
k
k
µS
µS
µS
DC Current Gain
at –VCE = 5 V, –IC = 10 µA
Current Gain Group A
B
C
at –VCE = 5 V, –IC = 2 mA
Current Gain Group A
B
C
at –VCE = 5 V, –IC = 100 mA
Current Gain Group A
B
C
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
110
200
420
90
150
270
180
290
500
120
200
400
220
450
800
Thermal Resistance Junction to Ambient Air
RthJA
––
2501)
K/W
Collector Saturation Voltage
at –IC = 10 mA, –IB = 0.5 mA
at –IC = 100 mA, –IB = 5 mA
–VCEsat
–VCEsat
80
250
300
650
mV
mV
Base Saturation Voltage
at –IC = 10 mA, –IB = 0.5 mA
at –IC = 100 mA, –IB = 5 mA
–VBEsat
–VBEsat
700
900
mV
mV
Base-Emitter Voltage
at –VCE = 5 V, –IC = 2 mA
at –VCE = 5 V, –IC = 10 mA
–VBE
–VBE
600
660
750
800
mV
mV
Collector-Emitter Cutoff Current
at –VCE = 80 V
BC556
at –VCE = 50 V
BC557
at –VCE = 30 V
BC558
at –VCE = 80 V, Tj = 125 °C
BC556
at –VCE = 50 V, Tj = 125 °C
BC557
at –VCE = 30 V, Tj = 125 °C
BC558, BC559
–ICES
–ICES
–ICES
–ICES
–ICES
–ICES
0.2
0.2
0.2
15
15
15
4
4
4
nA
nA
nA
µA
µA
µA
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.


Similar Part No. - BC558

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC558 ETC2-BC558 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Semtech Corporation
BC558 SEMTECH-BC558 Datasheet
370Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Diotec Semiconductor
BC558 DIOTEC-BC558 Datasheet
100Kb / 2P
   General Purpose Si-Epitaxial PlanarTransistors
logo
Continental Device Indi...
BC558 CDIL-BC558 Datasheet
358Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
List of Unclassifed Man...
BC558 ETC-BC558 Datasheet
106Kb / 2P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - BC558

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
   PNP Small Signal Transistors
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
   Small Signal Transistors (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
   PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
   PNP Small Signal Transistors
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
   Small Signal Transistors (PNP)
09-May-02
logo
General Semiconductor
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MMBTA56 GE-MMBTA56 Datasheet
56Kb / 2P
   Small Signal Transistors (PNP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com